Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMDS-M Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # TPMDS-M
Description  Telpower짰 Miniature Fused Disconnect Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPMDS-M Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  TPMDS-M Datasheet HTML 1Page - Cooper Bussmann, Inc. TPMDS-M Datasheet HTML 2Page - Cooper Bussmann, Inc. TPMDS-M Datasheet HTML 3Page - Cooper Bussmann, Inc. TPMDS-M Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bussmann
®
Telpower® Miniature Fused Disconnect Switch
TPM & TPMDS
Telpower® DC Power Protection Systems
TPM & TPMDS
TPMDS - Telpower® Miniature Fused Disconnect Switch
TPM - Telpower® Miniature Fuse - Current Limiting
Ampere Ratings: 3-30A
Voltage Rating: 80VDC
Interrupting Rating: 20,000A
Agency Information:
UL Recognized (investigated to UL 1801) as a
disconnect switch for the interruption of load current
by means of withdrawing the fuse pullout.
Recognized to U.S. and Canadian requirements under the
component recognition program of Underwriters
Laboratories Inc.
Files E219046 and E56412.
General Information:
• Smallest and most versatile fused disconnect
switch available.
• Small size allows for assembly into 1 U (1.75 inch /
44.5 mm) panel.
• AmpColor ID™ System for easy fuse replacement.
• Switch design provides for easy panel mounting by single
captive 4-40 (M3) nut and panel notch integral to switch
footprint.
• Local and remote open fuse indication. Local alarm
indication provided by LED on TPM fuse.
• Current-limiting capability
• Complete system coordination capability
• Load connection: 1/4 inch quick-connect or bolted
connection with 10-32 (M5) captive nut.
• Line connection: 1/4 inch quick-connect or screw
connection with clearance hole for #10 (M5) bolt.
• Maximum alarm circuit current: 20 mA
• Materials:
Fuse housing - black thermoplastic, UL 94 V-0, 170ºC RTI
Switch housing - black thermoplastic, UL 94 V-0, 140ºC RTI
Catalog Number
Description
Ampere Rating
TPM-3
Miniature Fuse
3A
TPM-4
Miniature Fuse
4A
TPM-5
Miniature Fuse
5A
TPM-6
Miniature Fuse
6A
TPM-7
Miniature Fuse
7A
TPM-8
Miniature Fuse
8A
TPM-10
Miniature Fuse
10A
TPM-12
Miniature Fuse
12A
TPM-15
Miniature Fuse
15A
TPM-20
Miniature Fuse
20A
TPM-25
Miniature Fuse
25A
TPM-30
Miniature Fuse
30A
TPMDS-E
Miniature Disconnect, English
3-30A
TPMDS-M
Miniature Disconnect, Metric
3-30A
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
TPM Alarm Schematic
NOTES:
1. The resistance, R, must be provided by the end-user
to limit the alarm output current to a maximum of
20 mA. The value, R, should be calculated using the
system voltage value.
If remote alarm functionality is not required,
the
END-USER CIRCUITRY must still be supplied
to provide a resistive path to the return for the
local alarm to properly function.
2. The fuse is polarized to maintain proper orientation with
the switch housing. The line and load terminals are
identified on the switch housing.
Form No. TPM & TPMDS
Page 1 of 4
Data Sheet: 5022
11-13-02
SB02302
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.
CE logo denotes compliance with European Union Low
Voltage Directive (50-1000VAC, 75-1500VDC). Refer
to Data Sheet: 8002 or contact Bussmann Application
Engineering at 636-527-1270 for more information.


Similar Part No. - TPMDS-M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPMD106K002H0012 AVX-TPMD106K002H0012 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPMD106K002H0015 AVX-TPMD106K002H0015 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPMD106K002H0018 AVX-TPMD106K002H0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPMD106K002K0012 AVX-TPMD106K002K0012 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPMD106K002K0015 AVX-TPMD106K002K0015 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results

Similar Description - TPMDS-M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
SM363FG COOPER-SM363FG Datasheet
1Mb / 32P
   Safety Module fused disconnect switch
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
logo
Littelfuse
LS7R0250 LITTELFUSE-LS7R0250 Datasheet
916Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
logo
Vishay Siliconix
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
   Battery Disconnect Switch
Rev. C, 05-Apr-99
logo
Littelfuse
LS7R0500 LITTELFUSE-LS7R0500 Datasheet
1Mb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com