Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3780DDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780DDBVR
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780DDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS3780DDBVR Datasheet HTML 1Page - Texas Instruments TPS3780DDBVR Datasheet HTML 2Page - Texas Instruments TPS3780DDBVR Datasheet HTML 3Page - Texas Instruments TPS3780DDBVR Datasheet HTML 4Page - Texas Instruments TPS3780DDBVR Datasheet HTML 5Page - Texas Instruments TPS3780DDBVR Datasheet HTML 6Page - Texas Instruments TPS3780DDBVR Datasheet HTML 7Page - Texas Instruments TPS3780DDBVR Datasheet HTML 8Page - Texas Instruments TPS3780DDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS3779, TPS3780
SBVS250 – APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
–0.3
7
V
OUT1, OUT2 (TPS3779 only)
–0.3
VDD + 0.3
V
Voltage
OUT1, OUT2 (TPS3780 only)
–0.3
7
V
SENSE1, SENSE2
–0.3
7
V
Current
OUT1, OUT2
±20
mA
Operating junction, TJ
–40
125
°C
Temperature
Storage, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Power-supply voltage
1.5
6.5
V
Sense voltage
SENSE1, SENSE2
0
6.5
V
Output voltage (TPS3779 only)
OUT1, OUT2
0
VDD + 0.3
V
Output voltage (TPS3780 only)
OUT1, OUT2
0
6.5
V
RPU
Pullup resistor (TPS3780 only)
1.5
10,000
k
Current
OUT1, OUT2
–5
5
mA
CIN
Input capacitor
0.1
µF
TJ
Junction temperature
–40
25
125
°C
7.4 Thermal Information
TPS3779, TPS3780
THERMAL METRIC(1)
DRY (USON)
DBV (SOT23-6)
UNIT
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
306.7
193.9
RθJC(top)
Junction-to-case (top) thermal resistance
174.1
134.5
RθJB
Junction-to-board thermal resistance
173.4
39.0
°C/W
ψJT
Junction-to-top characterization parameter
30.9
30.4
ψJB
Junction-to-board characterization parameter
171.6
38.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
65.2
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, .
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3779 TPS3780


Similar Part No. - TPS3780DDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780DDRYR TI-TPS3780DDRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3780DDRYT TI-TPS3780DDRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Similar Description - TPS3780DDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com