Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24772 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24772
Description  2.5 to 18-V High Performance Hot Swap
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24772 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS24772 Datasheet HTML 6Page - Texas Instruments TPS24772 Datasheet HTML 7Page - Texas Instruments TPS24772 Datasheet HTML 8Page - Texas Instruments TPS24772 Datasheet HTML 9Page - Texas Instruments TPS24772 Datasheet HTML 10Page - Texas Instruments TPS24772 Datasheet HTML 11Page - Texas Instruments TPS24772 Datasheet HTML 12Page - Texas Instruments TPS24772 Datasheet HTML 13Page - Texas Instruments TPS24772 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
RSNS
FSTP
OUTH
HGATE
SENM
ENHS
VIN
SET
OV
PLIM
IMON
RIMON
VDD
1.35V
ON/
OFF
Control
IMONBUF
15
16
17
18
19
14
2
9
100A
3x
Fast
Comp
Power
Limit
Engine
HS
Charge
Pump
RPLIM
HS
Control
55A
Timer
44mA
dis_HS
EN_AMP
270mV
+
101mV
HS_SHORT
HS_ON
5
PGHS
FLTB
HS_ON
2.32V
VOUT
GND
AMP
FET_ON
HS FET
8
11
13
12
10
4
TFLT
OUTH
+ VSNS -
7
TINR
LMT/OC
TPS24772
TPS24771
TPS24770
SLVSCZ3 – MARCH 2015
www.ti.com
9 Detailed Description
9.1 Overview
The TPS2477x Hot Swap features a programmable current limit, power limit, and fast trip threshold. It also has
dual timers: one for inrush and one during over current faults. Finally it features an analog current monitor that
can be used to provide current information to a microcontroller.
9.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS24772 TPS24771 TPS24770


Similar Part No. - TPS24772

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGK TI1-TPS24700DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGKR TI1-TPS24700DGKR Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701 TI1-TPS24701 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701DGK TI1-TPS24701DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
More results

Similar Description - TPS24772

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com