Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24771 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24771
Description  2.5 to 18-V High Performance Hot Swap
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24771 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS24771 Datasheet HTML 7Page - Texas Instruments TPS24771 Datasheet HTML 8Page - Texas Instruments TPS24771 Datasheet HTML 9Page - Texas Instruments TPS24771 Datasheet HTML 10Page - Texas Instruments TPS24771 Datasheet HTML 11Page - Texas Instruments TPS24771 Datasheet HTML 12Page - Texas Instruments TPS24771 Datasheet HTML 13Page - Texas Instruments TPS24771 Datasheet HTML 14Page - Texas Instruments TPS24771 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
SET
PLIM
LIM
SNS
IMON
84375
R
R
R
R
P
´
=
´
´
SNS,CL
SET
LIM,CL
SNS
SNS
V
0.675 R
I
R
R
´
=
=
SET
SNS,CL
IMON
0.675 R
V
R
´
=
I
LIM,CL
I
LIM,CL
V
DS
V
DS,MAX
V
SNS,PL
V
DS
V
DS,MAX
I
LIM,PL,MIN
V
SNS,CL
V
SNS,PL,MIN
LIM
LIM
LIM,CL
DS
,
P
I
MIN I
V
æ
ö
=
ç
÷
è
ø
TPS24772
TPS24771
TPS24770
www.ti.com
SLVSCZ3 – MARCH 2015
9.3 Feature Description
9.3.1 Enable and Over-voltage Protection
The part is enabled when the ENHS pin voltage exceeds 1.35V and is disabled when the pin voltage falls under
1.3V providing 50mV of hysteresis. A resistor divider can be connected to these pins to turn on the TPS2477x at
a certain bus voltage. The part will turn off if the OV pin exceeds 1.35V.
9.3.2 Current Limit and Power Limit during Start-up
The current limit and power limit of the TPS2477x are programmable to protect the load, power supply, and the
Hot Swap MOSFET. During start-up the active control loop will regulate the gate to ensure that the current
through the MOSFET and the power dissipation of the MOSFET is below their respective pre-programmed
thresholds. The maximum current allowed through the MOSFET (ILIM) is determined with the equation below.
ILIM,CL is the programmed current limit, PLIM is the programmed power limit, and VDS is the drain to source voltage
across the Hot Swap MOSFET.
(1)
This results in an IV curve shown in Figure 12. ILIM,PL denotes the maximum allowed MOSFET current (IDS) when
the part is in power limit. As VDS increases, ILIM,PL decreases and ILIM,PL,MIN denotes the lowest ILIM,PL, which
occurs at the largest VDS (VDS,MAX). The TPS2477x enforce this by regulating the voltage across RSNS (VSNS).
VSNS,PL denotes VSNS when power limiting is active. Similarly to ILIM,PL, VSNS,PL decreases as VDS increases and
VSNS,PL,MIN corresponds to the lowest VSNS,PL, which occurs at VDS,MAX. VSNS,CL is a current limiting sense voltage,
which is programmable in the TPS2477x.
Figure 12. Current vs VDS and VSNS vs VDS Programmed by Power Limit Engine.
The current and power limit can be programmed using the equations below.
sp
(2)
sp
(3)
sp
(4)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS24772 TPS24771 TPS24770


Similar Part No. - TPS24771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGK TI1-TPS24700DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24700DGKR TI1-TPS24700DGKR Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701 TI1-TPS24701 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24701DGK TI1-TPS24701DGK Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
More results

Similar Description - TPS24771

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24710 TI1-TPS24710 Datasheet
2Mb / 34P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com