Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25200DRV Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS25200DRV
Description  5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25200DRV Datasheet(HTML) 5 Page - Texas Instruments

  TPS25200DRV Datasheet HTML 1Page - Texas Instruments TPS25200DRV Datasheet HTML 2Page - Texas Instruments TPS25200DRV Datasheet HTML 3Page - Texas Instruments TPS25200DRV Datasheet HTML 4Page - Texas Instruments TPS25200DRV Datasheet HTML 5Page - Texas Instruments TPS25200DRV Datasheet HTML 6Page - Texas Instruments TPS25200DRV Datasheet HTML 7Page - Texas Instruments TPS25200DRV Datasheet HTML 8Page - Texas Instruments TPS25200DRV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS25200
www.ti.com
SLVSCJ0A – MARCH 2014 – REVISED MARCH 2014
7.5 Electrical Characteristics
Conditions are –40°C
≤ TJ ≤ 125°C and 2.5 V ≤ VIN ≤ 6.5 V. VEN = VIN, RILIM = 33kΩ. Positive current into terminals. Typical
value is at 25°C. All voltages are with respect to GND (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
TJ = 25°C
60
70
2.5 V
≤ VIN ≤ 5 V,
rDS(on)
IN–OUT resistance(1)
–40°C
≤ TJ ≤ 85°C
60
90
m
Ω
IOUT = 2.5 A
–40°C
≤ TJ ≤ 125°C
60
99
ENABLE INPUT EN
EN terminal turn on threshold
Input rising
1.9
V
EN terminal turn off threshold
Input falling
0.6
V
Hyesteresis
330(2)
mV
IEN
Leakage current
VEN = 0 V or 5.5 V
–2
2
µA
DISCHARGE
RDCHG
OUT Discharge Resistance
VOUT = 5 V, VEN = 0 V
480
625
Ω
CURRENT LIMIT
RILIM = 33 kΩ
2773
2952
3127
RILIM = 40.2 kΩ
2270
2423
2570
RILIM = 56 kΩ
1620
1740
1860
IOS
Current - limit, See Figure 13
mA
RILIM = 80.6 kΩ
1110
1206
1300
RILIM = 150 kΩ
590
647
710
RILIM = 1100 kΩ
40
83
130
OVERVOLTAGE LOCKOUT, IN
V(OVLO)
IN rising OVLO threshold voltage
IN rising
6.8
7.6
8.45
V
Hysteresis
70(2)
mV
VOLTAGE CLAMP, OUT
V(OVC)
OUT clamp voltage threshold
CL = 1 µF, RL = 100 Ω, VIN = 6.5V
5.25
5.4
5.55
V
SUPPLY CURRENT
VEN = 0 V, VIN = 5 V
0.8
5
IIN(off)
Supply current, low-level output
µA
VEN = 0 or 5 V, VIN = 20 V
1000
1700
RILIM = 33 kΩ
143
200
VIN = 5 V,
IIN(on)
Supply current, high-level output
µA
No load on OUT
RILIM = 150 kΩ
134
190
VOUT = 6.5V, VIN = VEN = 0 V, TJ = 25°C,
IREV
Reverse leakage current
3.0
5
µA
Measure IOUT
UNDERVOLTAGE LOCKOUT, IN
VUVLO
IN rising UVLO threshold voltage
IN rising
2.35
2.45
V
Hysteresis
30(2)
mV
FAULT FLAG
VOL
Output low voltage, FAULT
IFAULT = 1 mA
50
180
mV
Off-state leakage
VFAULT = 6.5 V
1
µA
THERMAL SHUTDOWN
Thermal shutdown threshold, OTSD2
155
Thermal shutdown threshold only in
135
°C
current-limit, OTSD1
Hysteresis
20(2)
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature. Thermal effects must be taken into account
separately.
(2)
These parameters are provided for reference only and does not constitute part of TI's published device specifications for purposes of
TI's product warranty.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS25200


Similar Part No. - TPS25200DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200QDRVRQ1 TI1-TPS25200QDRVRQ1 Datasheet
2Mb / 28P
[Old version datasheet]   5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200QDRVTQ1 TI1-TPS25200QDRVTQ1 Datasheet
2Mb / 28P
[Old version datasheet]   5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
More results

Similar Description - TPS25200DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com