Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3707-33DRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS3707-33DRG4
Description  Processor Supervisory Circuits With Power-Fail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3707-33DRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3707-33DRG4 Datasheet HTML 7Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 8Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 9Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 10Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 11Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 12Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 13Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 14Page - Texas Instruments TPS3707-33DRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Reset
Logic + Timer
_
+
_
+
R1
R2
14 kΩ
Reference
Voltage
of 1.25 V
Watchdog
Logic + Timer
Oscillator
40 kΩ
Transition
Detection
VDD
MR
GND
PFI
WDI
RESET
RESET
PFO
WDO
Only
TPS3705
Only
TPS3707
Only
TPS3705
TPS3705
TPS3707
Copyright © 2016, Texas Instruments Incorporated
11
TPS3705-30, TPS3705-33, TPS3705-50, TPS3707-30, TPS3707-50
www.ti.com
SLVS184D – NOVEMBER 1998 – REVISED MAY 2016
Product Folder Links: TPS3705-30 TPS3705-33 TPS3705-50 TPS3707-30 TPS3707-50
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS370x-xx family of supervisors feature an integrated reference and comparator for VDD supervision, an
additional power-fail supervisor, and a manual reset input. The TPS3705-xx devices feature a watchdog timer,
where the TPS3707-xx devices feature a complimentary RESET output.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Manual Reset Input
The TPS370x-xx devices incorporate a manual reset input, MR. A low level at MR causes RESET to become
active.
8.3.2 Power-Fail Comparator
The TPS370x-xx family integrates a power-fail comparator which can be used for low-battery detection, power-
fail warning, or for monitoring a power supply other than the main supply.
8.3.3 Watchdog Timer
The TPS3705-xx devices have a watchdog timer that is periodically triggered by a positive or negative transition
at WDI. When the supervising system fails to retrigger the watchdog circuit within the timeout interval,
tt(out) = 1.6 s, WDO becomes active. This event also reinitializes the watchdog timer. Leaving WDI unconnected
disables the watchdog.
The TPS3707-xx devices do not have the watchdog function, but include a high-level output RESET.


Similar Part No. - TPS3707-33DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3707-33DRG4 TI-TPS3707-33DRG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-33DRG4 TI-TPS3707-33DRG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-33DRG4 TI1-TPS3707-33DRG4 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Similar Description - TPS3707-33DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com