Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3707-50DGNR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3707-50DGNR
Description  Processor Supervisory Circuits With Power-Fail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3707-50DGNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3707-50DGNR Datasheet HTML 5Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 6Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 7Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 8Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 9Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 10Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 11Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 12Page - Texas Instruments TPS3707-50DGNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2
1
0.5
0
0
−1
−2
−3
−4
−5
−6
2.5
3
3.5
−7
−8
−9 −10
1.5
−40 C
°
85 C
°
IOH − High-Level Output Current − mA
VDD = 3.2 V
PFI = 1.05 V
MR = Open
3.5
2.5
1
0
0
−5
−10
−15
5
6
6.5
−20
−25
−30
5.5
4.5
4
3
2
1.5
0.5
−40 C
°
85 C
°
VDD = 6 V
PFI = 1.05 V
MR = Open
IOH − High-Level Output Current − mA
−200
−300
−400
−500
−1
0
1
2
3
−100
0
100
4
5
6
VI − Input Voltage at MR − V
−40 C
°
85 C
°
VDD = 6 V
PFI = 1.05 V
4
2
0
0
200
400
600
6
8
10
800
1000
PFI = 1.05 V
MR = Open
VDD − Threshold Overdrive − mV
1
0.999
−40
−15
10
35
1.001
1.002
60
85
VDD = 6 V
PFI = 1.05 V
MR = Open
TA − Free-Air Temperature − °C
−10
−30
−50
−0.5
0.5
2.5
3.5
10
30
50
4.5
6.5
1.5
5.5
PFI = 1.05 V
MR = Open
TA = 25°C
TPS3707−50
VDD − Supply Voltage − V
9
TPS3705-30, TPS3705-33, TPS3705-50, TPS3707-30, TPS3707-50
www.ti.com
SLVS184D – NOVEMBER 1998 – REVISED MAY 2016
Product Folder Links: TPS3705-30 TPS3705-33 TPS3705-50 TPS3707-30 TPS3707-50
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
Figure 2. Normalized Input Threshold Voltage
vs Free-Air Temperature at VDD
Figure 3. Supply Current vs Supply Voltage
Figure 4. Input Current vs Input Voltage at MR
Figure 5. Minimum Pulse Duration at VDD
vs VDD Threshold Overdrive
Figure 6. High-Level Output Voltage
vs High-Level Output Current
Figure 7. High-Level Output Voltage
vs High-Level Output Current


Similar Part No. - TPS3707-50DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3707-50DGNR TI-TPS3707-50DGNR Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DGNR TI-TPS3707-50DGNR Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DGNR TI1-TPS3707-50DGNR Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DGNRG4 TI-TPS3707-50DGNRG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DGNRG4 TI-TPS3707-50DGNRG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Similar Description - TPS3707-50DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com