Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3839E16DBZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3839E16DBZR
Description  Ultralow Power, Supply Voltage Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839E16DBZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3839E16DBZR Datasheet HTML 6Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 7Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 8Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 9Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 10Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 11Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 12Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 13Page - Texas Instruments TPS3839E16DBZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
IOL (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 4.0 V
G009
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
VDD voltage drop below VIT− (%)
Reset Occurs Above Line
G010
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
2
3
4
5
IOL (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +25°C
VDD = 1.8 V
G007
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
2
4
6
8
10
IOL (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 3.3 V
G008
TPS3831, TPS3839
SBVS193D – JUNE 2012 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C and C1 = 0.1 µF, unless otherwise noted.
Figure 8. VOL vs IOL and Temperature for VDD = 1.8 V
Figure 9. VOL vs IOL and Temperature for VDD = 3.3 V
Figure 10. VOL vs IOL and Temperature for VDD = 4.0 V
Figure 11. Maximum Pulse Duration vs Percent of
Threshold Overdrive
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated


Similar Part No. - TPS3839E16DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839E16DBZR TI1-TPS3839E16DBZR Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839E16DBZR TI-TPS3839E16DBZR Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
More results

Similar Description - TPS3839E16DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com