Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3824-33DBVRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3824-33DBVRG4
Description  Voltage Monitor With Watchdog Timer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3824-33DBVRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3824-33DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS3824-33DBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
_
+
RESET
(1)
RESET
MR
(2)
WDI
(3)
Auto-Reset
Oscillator
Transition
Detector
Watchdog
Timer Logic
RESET
Logic
V
REF
V
DD
52 kW
40 kW
TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828
SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS382x family of supervisors provide circuit initialization and timing supervision. Optional configurations
include devices with active-high and active-low output signals (TPS3824/5), devices with a watchdog timer
(TPS3820/3/4/8), and devices with manual reset (MR) pins (TPS3820/3/5/8). RESET asserts when the supply
voltage, VDD, rises above 1.1 V. For devices with active-low output logic, the device monitors VDD and keeps
RESET low as long as VDD remains below the negative threshold voltage, VIT−. For devices with active-high
output logic, RESET remains high as long as VDD remains below VIT−. An internal timer delays the return of the
output to the inactive state (high) to ensure proper system reset. The delay time, td, starts after VDD rises above
the positive threshold voltage (VIT− + VHYS). When the supply voltage drops below VIT−, the output becomes
active (low) again. All the devices of this family have a fixed-sense threshold voltage, VIT–, set by an internal
voltage divider, so no external components are required.
The TPS382x family is designed to monitor supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The devices are
available in a 5-pin SOT-23 package and are characterized for operation over a temperature range of
−40°C to
85°C.
8.2 Functional Block Diagram
(1)
TPS3824/5
(2)
TPS3820/3/5/8
(3)
TPS3820/3/4/8
8.3 Feature Description
8.3.1 Manual Reset (MR)
The MR input allows an external logic signal from processors, logic circuits, and/or discrete sensors to force a
reset signal regardless of VDD with respect to VIT– or the state of the watchdog timer. A low level at MR causes
the reset signals to become active.
8.3.2 Active High or Active Low Output
All TPS382x devices have an active-low logic output (RESET), while the TPS3824/5 devices also include an
active-high logic output (RESET).
8.3.3 Push-Pull or Open-Drain Output
All TPS382x devices, except for TPS3828, have push-pull outputs. TPS3828 devices have an open-drain output.
10
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820 TPS3823 TPS3824 TPS3825 TPS3828


Similar Part No. - TPS3824-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3824-33DBVRG4 TI-TPS3824-33DBVRG4 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI-TPS3824-33DBVRG4 Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI-TPS3824-33DBVRG4 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI1-TPS3824-33DBVRG4 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVRG4 TI1-TPS3824-33DBVRG4 Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
More results

Similar Description - TPS3824-33DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com