Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3824-33DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3824-33DBVT
Description  Voltage Monitor With Watchdog Timer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3824-33DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS3824-33DBVT Datasheet HTML 1Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 2Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 3Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 4Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 5Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 6Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 7Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 8Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2
GND
3
4
RESET
MR
1
5
RESET
V
DD
2
GND
3
4
RESET
WDI
1
5
RESET
V
DD
2
GND
3
4
MR
WDI
1
5
RESET
V
DD
TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828
SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015
www.ti.com
5 Device Comparison Table
DEVICE
RESET
RESET
WDI
MR
TPS3820
Push-pull
X
X
TPS3823
Push-pull
X
X
TPS3823A
Push-pull
X
X
TPS3824
Push-pull
X
TPS3825
Push-pull
Push-pull
X
TPS3828
Open-drain
Push-pull
X
X
6 Pin Configuration and Functions
TPS3820, TPS3823, TPS3823A, TPS3828: DBV PACKAGE
TPS3824: DBV PACKAGE
5-Pin SOT-23
5-Pin SOT-23
Top View
Top View
TPS3825: DBV PACKAGE
5-Pin SOT-23
Top View
Pin Functions
PIN
TPS3820,
I/O
DESCRIPTION
TPS3823,
NAME
TPS3824
TPS3825
TPS3823A,
TPS3828
GND
2
2
2
Ground connection
Manual-reset input. Pull low to force a reset. RESET remains low as long
MR
3
4
I
as MR is low and for the time-out period after MR goes high. Leave
unconnected or connect to VDD when unused.
RESET
3
3
O
Active-high reset output. Either push-pull or open-drain output stage.
RESET
1
1
1
O
Active-low reset output. Either push-pull or open-drain output stage.
VDD
5
5
5
I
Supply voltage. Powers the device and monitors its own voltage.
Watchdog timer input. If WDI remains high or low longer than the time-
out period, then reset is triggered. The timer clears when reset is
WDI
4
4
I
asserted or when WDI sees a rising edge or a falling edge. If unused, the
WDI connection must be high impedance to prevent it from causing a
reset event.
4
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820 TPS3823 TPS3824 TPS3825 TPS3828


Similar Part No. - TPS3824-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3824-33DBVT TI-TPS3824-33DBVT Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVT TI-TPS3824-33DBVT Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVT TI-TPS3824-33DBVT Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVT TI1-TPS3824-33DBVT Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVT TI1-TPS3824-33DBVT Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
More results

Similar Description - TPS3824-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com