Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25810RVCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25810RVCR
Description  USB Type-C DFP Controller and Power Switch with Load Detection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810RVCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS25810RVCR Datasheet HTML 7Page - Texas Instruments TPS25810RVCR Datasheet HTML 8Page - Texas Instruments TPS25810RVCR Datasheet HTML 9Page - Texas Instruments TPS25810RVCR Datasheet HTML 10Page - Texas Instruments TPS25810RVCR Datasheet HTML 11Page - Texas Instruments TPS25810RVCR Datasheet HTML 12Page - Texas Instruments TPS25810RVCR Datasheet HTML 13Page - Texas Instruments TPS25810RVCR Datasheet HTML 14Page - Texas Instruments TPS25810RVCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
TPS25810
www.ti.com
SLVSCR1B – SEPTEMBER 2015 – REVISED MAY 2016
Product Folder Links: TPS25810
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
This may be automatic or manually driven.
7 Detailed Description
7.1 Overview
The TPS25810 is a highly integrated USB Type-C Downstream Facing Port (DFP) controller with built-in power
switch developed for the new USB Type-C connector and cable. The part provides all functionality needed to
support a USB Type C DFP in a system where USB power delivery (PD) source capabilities (for example, VBUS
> 5 V) are not implemented. The device is designed to be compliant to Type-C spec revision 1.1.
7.1.1 USB Type C Basic
For a detailed description of the Type-C spec refer to the USB-IF website to download the latest released
version. Some of the basic concepts of the Type-C spec that pertains to understanding the operation of the
TPS25810 (a DFP device) are described as follows.
USB Type-C removes the need for different plug and receptacle types for host and device functionality. The
Type-C receptacle replaces both Type-A and Type-B receptacle since the Type-C cable is plug-able in either
direction between host and device. A host-to-device logical relationship is maintained via the configuration
channel (CC). Optionally hosts and devices can be either providers or consumers of power when USB PD
communication is used to swap roles.
All USB Type-C ports operate in one of below three data modes:
Host mode: the port can only be host (provider of power)
Device mode: the port can only be device (consumer of power)
Dual-Role mode: the port can be either host or device
Port types:
DFP (Downstream Facing Port): Host
UFP (Upstream Facing Port): Device
DRP (Dual-Role Port): Host or Device
Valid DFP-to-UFP connections:
Table 1 describes valid DFP-to-UFP connections
Host to Host or Device to Device have no functions
Table 1. DFP-to-UFP Connections
HOST-MODE PORT
DEVICE-MODE
PORT
DUAL-ROLE PORT
Host-Mode Port
No Function
Works
Works
Device-Mode Port
Works
No Function
Works
Dual-Role Port
Works
Works
Works(1)
7.1.2 Configuration Channel
The function of the configuration channel is to detect connections and configure the interface across the USB
Type-C cables and connectors.
Functionally the Configuration Channel (CC) is used to serve the following purposes:
Detect connect to the USB ports
Resolve cable orientation and twist connections to establish USB data bus routing
Establish DFP and UFP roles between two connected ports
Discover and configure power: USB Type-C current modes or USB Power Delivery
Discovery and configure optional Alternate and Accessory modes
Enhances flexibility and ease of use
Typical flow of DFP to UFP configuration is shown in Figure 11:


Similar Part No. - TPS25810RVCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Similar Description - TPS25810RVCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com