Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25940AQRVCRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25940AQRVCRQ1
Description  18-V eFuse with Integrated Short-to-Battery Protection
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25940AQRVCRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS25940AQRVCRQ1 Datasheet HTML 1Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 2Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 3Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 4Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 5Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 6Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 7Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 8Page - Texas Instruments TPS25940AQRVCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
CdVdT
R1
R2
R3
42
IN
OUT
GND
TPS25940-Q1
ILIM
IMON
RILIM
*
CIN
5 V Power Bus
COUT
R4
EN/UVLO
OVP
IN
dVdT
OUT
DEVSLP
USB Connector
FLT
VBUS
D-
D+
GND
PGTH
PGOOD
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS25940-Q1
SLVSDJ0A – MAY 2016 – REVISED JUNE 2016
TPS25940-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
1
1 Features
1
AEC-Q100 Qualified with:
Temperature Grade 1: –40°C to +125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C5
2.7-V to 18-V Operating Voltage, 20 V (Maximum)
Total RON: 42 mΩ (Typical)
0.6-A to 5.3-A Adjustable Current Limit (±8%)
IMON Current Indicator Output (±8%)
Adjustable Under-, Overvoltage Threshold (±2%)
Reverse Current Blocking
1-
μs Reverse Voltage Shutoff
Programmable dVo/dt Control
Power Good and Fault Outputs
Short-to-Battery Protection
Short-to-Ground Protection
2 Applications
USB Hubs
Holdup Power Management
Automotive Infotainment
ADAS Cameras and Radar Sensors
3 Description
The
TPS25940-Q1
eFuse
Power
Switch
is
a
compact, feature rich power management device with
a full suite of protection functions. The wide operating
range allows control of many popular DC bus
voltages.
Integrated
back-to-back
FETs
provide
bidirectional current control making the device well
suited for systems with load side holdup energy that
must not drain back to a failed supply bus.
Load, source and device protection are provided with
many programmable features including overcurrent,
dVo/dt
ramp
and
overvoltage,
undervoltage
thresholds.
For
system
status
monitoring
and
downstream
load
control,
the
device
provides
PGOOD, FLT and precise current monitor output.
Precise
programmable
undervoltage,
overvoltage
thresholds and mode simplify power management
design.
The TPS25940-Q1 monitors V(IN) and V(OUT) to
provide true reverse current blocking when V(IN) <
(V(OUT) – 66 mV). This function supports supply bus
protection from over-voltages during output short to
battery faults.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS25940-Q1
WQFN (20)
3.00 mm x 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1.
Simplified Schematic
Figure 2.
Output Short-to-Battery Detection and Protection


Similar Part No. - TPS25940AQRVCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940AQRVCRQ1 TI1-TPS25940AQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940AQRVCRQ1 TI-TPS25940AQRVCRQ1 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Similar Description - TPS25940AQRVCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI-TPS25940-Q1_V01 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
   ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2595 TI1-TPS2595 Datasheet
5Mb / 48P
[Old version datasheet]   2.7 V to 18 V, 4-A, 34-m(ohm) eFuse With Fast Overvoltage Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
logo
ON Semiconductor
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
   ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com