Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25944ARVCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25944ARVCR
Description  5A eFuse Power MUX with Multiple Protection Modes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25944ARVCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS25944ARVCR Datasheet HTML 2Page - Texas Instruments TPS25944ARVCR Datasheet HTML 3Page - Texas Instruments TPS25944ARVCR Datasheet HTML 4Page - Texas Instruments TPS25944ARVCR Datasheet HTML 5Page - Texas Instruments TPS25944ARVCR Datasheet HTML 6Page - Texas Instruments TPS25944ARVCR Datasheet HTML 7Page - Texas Instruments TPS25944ARVCR Datasheet HTML 8Page - Texas Instruments TPS25944ARVCR Datasheet HTML 9Page - Texas Instruments TPS25944ARVCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
TPS25942A, TPS25942L, TPS25944A, TPS25944L
SLVSCE9A – JUNE 2014 – REVISED MARCH 2015
www.ti.com
8.5 Electrical Characteristics
Conditions are –40°C
≤ TJ = TA ≤ 125°C, 2.7 V ≤ V(IN) ≤ 18 V, V(EN/UVLO) = 2 V, V(OVP) = V(DMODE) = V(PGTH) = 0 V, R(ILIM) = 150
k
Ω, C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. Positive current into terminals. All voltages referenced to
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND INTERNAL UNDERVOLTAGE LOCKOUT
V(IN)
Operating Input Voltage
2.7
18
V
V(UVR)
Internal UVLO threshold, rising
2.2
2.3
2.4
V
V(UVRhys)
Internal UVLO hysteresis
105
116
125
mV
V(EN/UVLO) = 2 V, V(IN) = 3 V
140
210
300
IQ(ON)
Supply current, Enabled
V(EN/UVLO) = 2 V, V(IN) = 12 V
140
199
260
µA
V(EN/UVLO) = 2 V, V(IN) = 18 V
140
202
270
V(EN/UVLO)= 0 V, V(IN) = 3 V
4
8.6
15
IQ(OFF)
Supply current, Disabled
V(EN/UVLO)= 0 V, V(IN) = 12 V
6
15
20
µA
V(EN/UVLO)= 0 V, V(IN) = 18 V
8
18.5
25
ENABLE AND UNDERVOLTAGE LOCKOUT (EN/UVLO) INPUT
V(ENR)
EN/UVLO threshold voltage, rising
0.97
0.99
1.01
V
V(ENF)
EN/UVLO threshold voltage, falling
0.9
0.92
0.94
V
EN threshold voltage for Low IQ
V(SHUTF)
0.3
0.47
0.63
V
shutdown, falling
EN hysteresis for low IQ shutdown,
V(SHUTFhys)
66
mV
hysteresis(1)
IEN
EN Input leakage current
0 V
≤ V(EN/UVLO) ≤ 18 V
–100
0
100
nA
OVER VOLTAGE PROTECTION (OVP) INPUT
Overvoltage Threshold Voltage,
V(OVPR)
0.97
0.99
1.01
V
Rising,
Overvoltage Threshold Voltage,
V(OVPF)
0.9
0.92
0.94
V
Falling
I(OVP)
OVP Input Leakage Current
0 V
≤ V(OVP) ≤ 5 V
-100
0
100
nA
DIODE MODE INPUT (DMODE): ACTIVE HIGH
DMODE threshold voltage, rising
1.6
1.85
2
V
V(DMODE)
DMODE threshold voltage, falling
0.8
0.96
1.1
V
I(DMODE)
DMODE input leakage current
0.2 V
≤ V(DMODE) ≤ 18 V
0.6
1
1.25
µA
OUTPUT RAMP CONTROL (dVdT)
I(dVdT)
dVdT charging current
V(dVdT) = 0 V
0.85
1
1.15
µA
R(dVdT)
dVdT discharging resistance
EN/UVLO = 0 V, I(dVdT) = 10 mA sinking
16
24
Ω
V(dVdTmax)
dVdT maximum capacitor voltage
2.6
2.88
3.1
V
GAIN(dVdT)
dVdT to OUT gain
ΔV(OUT)/ΔV(dVdT)
11.65
11.9
12.05
V/V
CURRENT LIMIT PROGRAMMING (ILIM)
V(ILIM)
ILIM bias voltage
0.87
V
R(ILIM) = 150 kΩ, (V(IN) - V(OUT)) = 1 V
0.53
0.58
0.63
R(ILIM) = 88.7 kΩ, (V(IN) - V(OUT)) = 1 V
0.9
0.99
1.07
R(ILIM) = 42.2 kΩ, (V(IN) - V(OUT)) = 1 V
1.92
2.08
2.25
R(ILIM) = 24.9 kΩ, (V(IN) - V(OUT)) = 1 V
3.25
3.53
3.81
Current limit
R(ILIM) = 20 kΩ, (V(IN) - V(OUT)) = 1 V
4.09
4.45
4.81
I(LIM)
I(LIM) for TPS25942
(2)
A
R(ILIM) = 16.9 kΩ, (V(IN) - V(OUT)) = 1 V
4.78
5.2
5.62
I(FAULT) forTPS25944
(2) (3)
R(ILIM) = OPEN, Open resistor current limit (Single Point
0.35
0.45
0.55
Failure Test: UL60950)
R(ILIM) = SHORT, Shorted resistor current limit (Single
0.55
0.67
0.8
Point Failure Test: UL60950)
DMODE = High; Non-ideal Diode Mode(1)
0.5 x I(LIM)
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
(2)
Pulse-testing techniques maintain junction temperature close to ambient temperature. Thermal effects must be taken into account
separately.
(3)
The TPS25942 limits current to the programmed I(LIM) level. TPS25944 does not limit current but runs the fault timer when I(LOAD) >
I(LIM).
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS25942A TPS25942L TPS25944A TPS25944L


Similar Part No. - TPS25944ARVCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
[Old version datasheet]   18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Similar Description - TPS25944ARVCR

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com