Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5103 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS5103
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5103 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5103_08 Datasheet HTML 6Page - Texas Instruments TPS5103_08 Datasheet HTML 7Page - Texas Instruments TPS5103_08 Datasheet HTML 8Page - Texas Instruments TPS5103_08 Datasheet HTML 9Page - Texas Instruments TPS5103_08 Datasheet HTML 10Page - Texas Instruments TPS5103_08 Datasheet HTML 11Page - Texas Instruments TPS5103_08 Datasheet HTML 12Page - Texas Instruments TPS5103_08 Datasheet HTML 13Page - Texas Instruments TPS5103_08 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240A – SEPTEMBER 1999 – REVISED MAY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
550
500
400
300
–40
–20
25
600
650
QUIESCENT CURRENT
vs
JUNCTION TEMPERATURE
700
85
125
450
350
TJ – Junction Temperature – °C
VCC = 25 V
VCC = 7 V
VCC = 4.5 V
Figure 4
30
20
15
0
–40
–20
25
40
45
50
85
125
35
25
10
5
QUIESCENT CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
VCC = 25 V
VCC = 7 V
VCC = 4.5 V
Figure 5
4
3.5
3
0.1
0.7
4.5
5
DRIVE OUTPUT VOLTAGE
vs
DRIVE SOURCE CURRENT
5.5
1
IS(OUT_source) – Drive Source Current – A
VCC = 7 V,
TJ = 25°C
Figure 6
1.5
1
0.5
0
0.1
0.7
2
2.5
DRIVE OUTPUT VOLTAGE
vs
DRIVE SOURCE CURRENT
3
1
IS(OUT_sink) – Drive Source Current – A
VCC = 7 V,
TJ = 25°C


Similar Part No. - TPS5103_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5103DB TI-TPS5103DB Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDB TI-TPS5103IDB Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDBR TI-TPS5103IDBR Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
More results

Similar Description - TPS5103_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5103 TI-TPS5103 Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
logo
Linear Technology
LTC3806 LINER-LTC3806 Datasheet
241Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806_15 Datasheet
219Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
   Synchronous Buck DC/DC Controller
logo
Fairchild Semiconductor
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com