Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5103 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5103
Description  MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5103 Datasheet(HTML) 3 Page - Texas Instruments

  TPS5103 Datasheet HTML 1Page - Texas Instruments TPS5103 Datasheet HTML 2Page - Texas Instruments TPS5103 Datasheet HTML 3Page - Texas Instruments TPS5103 Datasheet HTML 4Page - Texas Instruments TPS5103 Datasheet HTML 5Page - Texas Instruments TPS5103 Datasheet HTML 6Page - Texas Instruments TPS5103 Datasheet HTML 7Page - Texas Instruments TPS5103 Datasheet HTML 8Page - Texas Instruments TPS5103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS5103
MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
SLVS240A – SEPTEMBER 1999 – REVISED MAY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
COMP
8
I
Comparator input for voltage monitor
CT
4
I/O
External capacitor from CT to GND for adjusting the triangle oscillator and decreasing the current-limiting
voltage
FB
3
O
Feedback output of error amp
GND
6
Control GND
INV
2
I
Inverting input of both error amp and hysteretic comparator
LH
20
I/O
Bootstrap. Connect a 1
µF, low-ESR capacitor from LH to LL.
LL
18
I/O
Bootstrap low. High-side gate driving return and output-current protection. Connect to the junction of the
high-side and low-side FETs for a floating drive configuration.
OUT_d
17
I/O
Gate-drive output for low-side power switching FETs
OUTGND
16
Ground for FET drivers
OUT_u
19
O
Gate-drive output for high-side power switching FETs
PWM/SKIP
9
I
PWM/SKIP mode select
L:PWM mode
H:SKIP mode
REF
7
O
1.185-V reference voltage output
RT
5
I/O
External resistor connection for adjusting the triangle oscillator.
SOFTSTART
1
I
External capacitor from SOFTSTART to GND for soft-start control
STBY
10
I
Standby control
TRIP
15
I
External resistor connection for output-current control
VCC
13
I
Supply-voltage input
VCC_SENSE
14
I
Supply voltage sense for current protection
VREF5
12
O
5-V internal regulator output
VREG5V_IN
11
I
External 5-V input (input voltage range = 4.5 V to 25 V)


Similar Part No. - TPS5103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5103 TI-TPS5103 Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103DB TI-TPS5103DB Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDB TI-TPS5103IDB Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
TPS5103IDBR TI-TPS5103IDBR Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
More results

Similar Description - TPS5103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5103 TI-TPS5103 Datasheet
1Mb / 37P
[Old version datasheet]   MULTIPLE MODE SYNCHRONOUS DC/DC CONTROLLER
logo
Linear Technology
LTC3806 LINER-LTC3806 Datasheet
241Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806_15 Datasheet
219Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
   Synchronous Buck DC/DC Controller
logo
Fairchild Semiconductor
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com