Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40042DRCTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40042DRCTG4
Description  LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40042DRCTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40042DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS40042DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS40042
SLUS777 – NOVEMBER 2007
TJ = -40 °C to 85°C VVDD = 5 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VVDD
Input voltage range(1)
3.0
5.5
V
IDDsd
Shutdown
VEN = VVDD
100
180
µA
IDDq
Quiescent
VFB = 0.8 V
1.0
2.0
mA
IDDs
Switching current
No load at HDRV/LDRV
3.0
UVLOON
Minimum turn-on voltage
1.90
2.05
2.2
V
UVLOHYS
Hysteresis
80
130
200
mV
OSCILLATOR/ RAMP GENERATOR
fPWM
PWM frequency
3.0 V < VVDD < 5.5 V
500
600
700
kHz
fPWM
PWM frequency
VVDD = 5.0 V, 0°C < TJ < 70°C
540
600
660
kHz
VRAMP
Ramp amplitude PP
VPEAK – VVALLEY
0.75
0.87
1.0
V
VVALLEY
Ramp valley voltage
0.4
V
PWM
MAXDUTY Maximum duty cycle,
VFB = 0 V, 3.0 V < VVDD < 5.5 V
88%
95%
MINDUTY
Minimum duty cycle
0%
MIN pulse
Minimum width control range before
Minimum controllable pulse width
90
150
ns
width (2)
jumping to zero.
ERROR AMPLIFIER
VOS
FB to REFIN offset voltage
0.5 V < VREFIN < 1.5 V
-5
0
5
mV
IFB
FB, REFIN input bias current
-30
-125
nA
IOH = 0.5 mA, VFB = 0 V, VVDD = 5.5
VOH
High level output voltage
2.0
2.5
V
V
VOL
Low level output voltage
IOL = 0.5 mA, VFB = VVDD
80
150
mV
IOH
Output source current
VCOMP = 0.7 V, VFB = GND
1
6
mA
IOL
Output sink current
VCOMP = 0.7 V, VFB = VVDD
2
8
GBW
(2)
Gain bandwidth
5
10
MHz
AOL
Open loop gain
55
85
dB
SHORT CIRCUIT PROTECTION
Resistor COMP to GND = 2.4 k
Ω, TJ
TH1
Low short circuit threshold voltage
80
105
130
= 25
°C
Medium short circuit threshold
Default: No resistor COMP to GND,
VTH2
140
175
210
mV
voltage
TJ = 25°C
Resistor COMP to GND = 12 k
Ω, TJ
VTH3
High short circuit threshold voltage
250
310
370
= 25
°C
VTH(tc)
(2)
Threshold temperature coefficient
3100
ppm
Minimum HDRV pulse time in over
tON(oc)
(2)
190
current
ns
tSWOCblank
SW leading edge blanking pulse in
100
(2)
over current detection
tHICCUP
Hiccup time between restarts
40
ms
(1)
VVDD operation to 2.25 V is possible with some degradation in specifications. Under this condition, the VREFIN range is limited to 0.5 V to
0.7 V.
(2)
Ensured by design. Not production tested.
4
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40042


Similar Part No. - TPS40042DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042DRCT TI-TPS40042DRCT Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
More results

Similar Description - TPS40042DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com