Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40050-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40050-Q1
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40050-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS40050-Q1 Datasheet HTML 1Page - Texas Instruments TPS40050-Q1 Datasheet HTML 2Page - Texas Instruments TPS40050-Q1 Datasheet HTML 3Page - Texas Instruments TPS40050-Q1 Datasheet HTML 4Page - Texas Instruments TPS40050-Q1 Datasheet HTML 5Page - Texas Instruments TPS40050-Q1 Datasheet HTML 6Page - Texas Instruments TPS40050-Q1 Datasheet HTML 7Page - Texas Instruments TPS40050-Q1 Datasheet HTML 8Page - Texas Instruments TPS40050-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TPS40050Q1
TPS40051Q1
TPS40053Q1
SGLS219A − NOVEMBER 2003 − REVISED MAY 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS
TA = −40°C to 125°C, VIN = 24 Vdc, RT = 90.9 kΩ, IKFF = 150 µA, fSW = 500 kHz, all parameters at zero power dissipation
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
ISINK
Current limit sink current
6.2
10.0
13
µA
Propagation delay to output
VILIM = 23.7 V, VSW = (VILIM − 0.5 V)
200
300
500
Propagation delay to output
VILIM = 23.7 V, VSW = (VILIM − 2 V)
100
200
400
ns
tON
Switch leading-edge blanking pulse time(1)
100
ns
tOFF
Off time during a fault
7
cycles
VILIM = 23.6 V,
TA = 25°C
−125
−35
VOS
Offset voltage SW vs. ILIM
VILIM = 23.6 V,
0
°C ≤ TA ≤ 85°C
−140
−75
−15
mV
VOS
Offset voltage SW vs. ILIM
VILIM = 23.6 V,
−40
°C ≤ TA ≤ 125°C
−250
10
mV
OUTPUT DRIVER
tLRISE
Low-side driver rise time
CLOAD = 2200 pF
48
96
tLFALL
Low-side driver fall time
CLOAD = 2200 pF
24
48
ns
tHRISE High-side driver rise time
CLOAD = 2200 pF, (HDRV − SW)
48
96
ns
tHFALL
High-side driver fall time
CLOAD = 2200 pF, (HDRV − SW)
36
72
VOH
High-level ouput voltage, HDRV
IHDRV = −0.1 A (HDRV − SW)
BOOST
−1.5 V
BOOST
−1.0 V
VOL
Low-level ouput voltage, HDRV
IHDRV = 0.1 A (HDRV − SW)
0.75
V
VOH
High-level ouput voltage, LDRV
ILDRV = −0.1 A
BP10
−1.4 V
BP10
− 1.0 V
V
VOL
Low-level ouput voltage, LDRV
ILDRV = 0.1 A
0.5
Minimum controllable pulse width
100
150
ns
SS/SD SHUTDOWN
VSD
Shutdown threshold voltage
Outputs off
90
125
150
mV
VEN
Device active threshold voltage
190
210
245
mV
BOOST REGULATOR
VBOOST Output voltage
VIN = 24.0 V
31.5
32.5
33.5
V
RECTIFIER ZERO CURRENT COMPARATOR (TPS40050/TPS40053 SS ONLY)
VSW
Switch voltage
LDRV output OFF
−10
−0.5
10
mV
SW NODE
ILEAK
Leakage current(1)
25
µA
THERMAL SHUTDOWN
TSD
Shutdown temperature(1)
165
°C
TSD
Hysteresis(1)
20
°C
UVLO
VUVLO KFF programmable threshold voltage
RKFF = 28.7 kΩ
6.9
7.5
7.9
V
(1)
Ensured by design. Not production tested.
(2)
IKFF increases with SYNC frequency, IKFF decreases with maximum duty cycle


Similar Part No. - TPS40050-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1_15 Datasheet
404Kb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40050-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com