Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40050 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40050
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40050 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40050 Datasheet HTML 6Page - Texas Instruments TPS40050 Datasheet HTML 7Page - Texas Instruments TPS40050 Datasheet HTML 8Page - Texas Instruments TPS40050 Datasheet HTML 9Page - Texas Instruments TPS40050 Datasheet HTML 10Page - Texas Instruments TPS40050 Datasheet HTML 11Page - Texas Instruments TPS40050 Datasheet HTML 12Page - Texas Instruments TPS40050 Datasheet HTML 13Page - Texas Instruments TPS40050 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
TPS40050Q1
TPS40051Q1
TPS40053Q1
SGLS219A − NOVEMBER 2003 − REVISED MAY 2008
www.ti.com
10
Figure 2
fSW − Switching Frequency − kHz
SWITCHING FREQUENCY
vs
TIMING RESISTANCE
0
100
0
200
400
600
800
1000
200
300
400
500
600
100
0
200
300
400
500
600
200
400
600
800
1000
100
700
300
500
700
900
FEED-FORWARD IMPEDANCE
vs
SWITCHING FREQUENCY
Figure 3
fSW − Switching Frequency − kHz
VIN = 25 V
VIN = 15 V
VIN = 9 V
UVLO OPERATION
The TPS4005x uses variable (user programmable) UVLO protection. The UVLO circuit holds the soft-start low
until the input voltage has exceeded the user programmable undervoltage threshold.
The TPS4005x uses the feed-forward pin, KFF, as a user programmable low-line UVLO detection. This variable
low-line UVLO threshold compares the PWM ramp duration to the oscillator clock period. An undervoltage
condition exists if the TPS4005x receives a clock pulse before the ramp has reached 90% of its full amplitude.
The ramp duration is a function of the ramp slope, which is directly related to the current into the KFF pin. The
KFF current is a function of the input voltage and the resistance from KFF to the input voltage. The KFF resistor
can be referenced to the oscillator frequency as descibed in equation (3):
R
KFF + VIN (min) * 3.5
58.14
R
T ) 1340
W
where:.
D VIN is the desired start-up (UVLO) input voltage
D RT is the timing resistance in kΩ
The variable UVLO function uses a three−bit full adder to prevent spurious shut-downs or turn-ons due to spikes
or fast line transients. When the adder reaches a total of seven counts in which the ramp duration is shorter
than the clock cycle a powergood signal is asserted and a soft-start initiated, and the upper and lower
MOSFETS are turned off.
(3)


Similar Part No. - TPS40050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1_15 Datasheet
404Kb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050PWP TI-TPS40050PWP Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050PWP TI1-TPS40050PWP Datasheet
800Kb / 37P
[Old version datasheet]   IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com