Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40054PWPG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40054PWPG4
Description  Wide-Input Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40054PWPG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40054PWPG4 Datasheet HTML 1Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 2Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 3Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 4Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 5Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 6Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40054PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
TPS40054, TPS40055, TPS40057
SLUS593I – DECEMBER 2003 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted
(1)
UNI
MIN
MAX
T
VFB, SS/SD, SYNC
–0.3
6
VIN, SW
–0.3
45
VIN
Input voltage
SW, transient < 50 ns
–2.5
SW, transient < 50 ns, VVIN < 14 V
–5.0
KFF, with IIN(max) = – 5 mA
–0.3
11
COMP, RT, SS/SD
–0.3
6
VO
Output voltage
KFF
5
mA
IO
Output current
RT
200
µA
TJ
Maximum junction temperature (2)
150
°C
TJ
Operating junction temperature
–40
125
Tstg Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Device may shut down at junction temperatures below 150°C.
6.2 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Input voltage
8
40
V
TA
Operating free-air temperature
–40
85
°C
6.3 Thermal Information
TPS4005x
THERMAL METRIC(1)
HTSSOP
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
38.3
RθJCtop
Junction-to-case (top) thermal resistance
28
RθJB
Junction-to-board thermal resistance
9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
8.9
RθJCbot
Junction-to-case (bottom) thermal resistance
2.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS40054 TPS40055 TPS40057
TPS40054: Not Recommended For New Designs


Similar Part No. - TPS40054PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40054PWP TI-TPS40054PWP Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054PWP TI1-TPS40054PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054PWP TI-TPS40054PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054PWPR TI1-TPS40054PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054PWPR TI-TPS40054PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40054PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com