Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG3021B Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # BG3021B
Description  Open fuse blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BG3021B Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  BG3021B Datasheet HTML 1Page - Cooper Bussmann, Inc. BG3021B Datasheet HTML 2Page - Cooper Bussmann, Inc. BG3021B Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TechnicalData1106
Effective December 2015
Class G open fuse blocks
Eaton.com/bussmannseries
Catalog numbers:
Amps
Poles
Terminal type
Fig. No.
Screw with
quick-connect*
Pressure plate with
quick-connect*
Box lug
Box lug with
retaining clip
1 to 15
1
BG3011SQ
BG3011PQ
BG3011B
1
2
BG3012SQ
BG3012PQ
BG3012B
2
3
BG3013SQ
BG3013PQ
BG3013B
3
20
1
BG3021SQ
BG3021PQ
BG3021B
1
2
BG3022SQ
BG3022PQ
BG3022B
2
3
BG3023SQ
BG3023PQ
BG3023B
3
25 to 30
1
BG3031S
BG3031P
BG3031B
1
2
BG3032S
BG3032P
BG3032B
2
3
BG3033S
BG3033P
BG3033B
3
35 to 60
1
G30060-1CR
4
2
G30060-2CR
5
3
G30060-3C**
G30060-3CR
6
Wire range
#10 - #14Cu
#10 - #18Cu
#6 - #14Cu (1-30A)
#2 - #14Cu, #2 - #8Al (35-60A)
#2 - #14Cu, #2 - #8Al
* Quick connect rated for 20A maximum.
** Not RoHS compliant.
Dimensions - in (±0.015):
1-30A
35-60A
0.200"
±
0.003
1.53"
0.425"0.425"
3" (±0.031)
1.22"
1.5"
0.360"
0.36"
0.86"
1.63"
.765"
0.169 x 0.210
2.38"
Figure 1.
Figure 2.
Figure 3.
1.38"
0.5"
0.22"
0.47"
0.29" Dia. hole
0.38" C'bore
0.84"
1.78"
0.94"
4.25"
2.125"
Figure 4.
Figure 5.
1.41"
1.69"
0.53"
1.78"
3.56"
2.75"
0.22" Dia. hole
Figure 6.


Similar Part No. - BG3021B

ManufacturerPart #DatasheetDescription
logo
Power-One
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
   25 Watt DC-DC Converters
More results

Similar Description - BG3021B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T30030-2SR COOPER-T30030-2SR Datasheet
503Kb / 4P
   Class T 300V open fuse blocks
logo
Eaton All Rights Reserv...
T600 EATON-T600 Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
T300 EATON-T300 Datasheet
805Kb / 4P
   Class T 300V open fuse blocks
logo
Littelfuse
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
   FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
   FUSE BLOCKS
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
   Fuse blocks
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
   Semiconductor Fuse Blocks
logo
Cooper Bussmann, Inc.
170H3003 COOPER-170H3003 Datasheet
59Kb / 1P
   Fuse Bases (Blocks)
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com