Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40074 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40074
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40074 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40074 Datasheet HTML 1Page - Texas Instruments TPS40074 Datasheet HTML 2Page - Texas Instruments TPS40074 Datasheet HTML 3Page - Texas Instruments TPS40074 Datasheet HTML 4Page - Texas Instruments TPS40074 Datasheet HTML 5Page - Texas Instruments TPS40074 Datasheet HTML 6Page - Texas Instruments TPS40074 Datasheet HTML 7Page - Texas Instruments TPS40074 Datasheet HTML 8Page - Texas Instruments TPS40074 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS40074
SLUS617B – APRIL 2005 – REVISED OCTOBER 2006
T
A = –40°C to 85°C, VIN = 12 Vdc, RT = 90.9 kΩ, IKFF = 300 µA, fSW = 500 kHz, all parameters at zero power dissipation
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VDD
Input voltage range, VIN
4.5
28
V
OPERATING CURRENT
IDD
Quiescent current
Output drivers not switching
2.5
3.5
mA
LVBP
VLVBP
Output voltage
TA = TJ = 25°C
3.9
4.2
4.5
V
OSCILLATOR/RAMP GENERATOR
fOSC
Accuracy
450
500
550
kHz
VRT
RT voltage
2.23
2.40
2.58
V
tON(min)
Minimum output pulse time(1)
CHDRV = 0 nF
150
ns
VIH
High-level input voltage, SYNC
2
5
V
VIL
Low-level input voltage, SYNC
0.8
ISYNC
Input current, SYNC
5
10
µA
VFB = 0 V, 100 kHz ≤ fSW ≤ 500 kHz
84%
95%
Maximum duty cycle
VFB = 0 V, fSW = 1 MHz
76%
93%
VKFF
Feed-forward voltage
0.35
0.40
0.45
V
IKFF
Feed-forward current operating range(1)
20
1100
µA
SOFT START
ISS
Charge current
7
12
17
µA
tDSCH
Discharge time
CSS = 3.9 nF
25
75
µs
CSS = 3.9 nF, VSS rising from 0.7 V to 1.6
tSS
Soft-start time
210
290
500
V
Command zero output voltage(2)(1)
300
mV
DBP
VDD > 10 V
7
8
9
VDBP
Output voltage
V
VVDD = 4.5 V, IOUT = 25 mA
4.0
4.3
ERROR AMPLIFIER
TA = TJ = 25°C
0.698
0.700
0.704
VFB
Feedback regulation voltage total variation
0°C
≤ T
A = TJ ≤ 85°C
0.690
0.700
0.707
V
-40°C
≤ T
A = TJ ≤ 85°C
0.690
0.700
0.715
VSS(offset) Soft-start offset from VSS(1)
Offset from VSS to error amplifier
1
GBWP
Gain bandwidth(1)
5
10
MHz
AVOL
Open loop gain
50
dB
ISRC
Output source current
2.5
4.5
mA
ISINK
Output sink current
2.5
6
IBIAS
Input bias current
VFB = 0.7 V
–250
0
nA
SHORT CIRCUIT CURRENT PROTECTION
IILIM
Current sink into ILIM pin
115
135
150
µA
VILIM(ofst)
Current limit offset voltage
VILIM = 11.5 V, (VSW - VILIM) VVDD = 12 V
–50
–30
–10
mV
tHSC
Minimum HDRV pulse width
During short circuit
135
225
ns
Propagation delay to output(1)
50
ns
tBLANK
Blanking time(1)
50
ns
tOFF
Off time during a fault (SS cycle times)
7
cycles
(1)
Ensured by design. Not production tested.
(2)
For zero output voltage only. Does not assure lack of activity on HDRV or LDRV.
4
Submit Documentation Feedback


Similar Part No. - TPS40074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLR TI-TPS40074RHLR Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLT TI-TPS40074RHLT Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074RHLTG4 TI-TPS40074RHLTG4 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40074

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com