Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40055PWPG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40055PWPG4
Description  Wide-Input Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40055PWPG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40055PWPG4 Datasheet HTML 6Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 7Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 8Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 9Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 10Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 11Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 12Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 13Page - Texas Instruments TPS40055PWPG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
(
)
(
)
f
A
A
SW
8 3.48
C
R
7.9
-
=
´
´
(
)
(
)
(
)
KFF
A
IN min
R
8 3.48
R
495k
499k
0.1
V
3.48
´
-
=
=
W =
W
´
-
UDG-02132
Clock
PWM RAMP
PowerGood
VIN
UVLO Threshold
1 2 3 4 5 6 7
1 2 3 4 5 6 7
1 2
TPS40054, TPS40055, TPS40057
SLUS593I – DECEMBER 2003 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
Figure 7. Undervoltage Lockout Operation
The tolerance on the UVLO set point also affects the maximum duty cycle achievable. If the UVLO starts the
device at 10% below the nominal startup voltage, the maximum duty cycle is reduced approximately 10% at the
nominal startup voltage.
The impedance of the input voltage can cause the input voltage, at the controller, to sag when the converter
starts to operate and draw current from the input source. Therefore, there is voltage hysteresis that prevents
nuisance shutdowns at the UVLO point. With RT chosen to select the operating frequency and RKFF chosen to
select the startup voltage, the approximate amount of hysteresis voltage is shown in Figure 3.
Some applications may require an additional circuit to prevent false restarts at the UVLO voltage level. This
applies to applications which have high impedance on the input voltage line or which have excessive ringing on
the VIN line. The input voltage impedance can cause the input voltage to sag enough at startup to cause a UVLO
shutdown and subsequent restart. Excessive ringing can also affect the voltage seen by the device and cause a
UVLO shutdown and restart. A simple external circuit provides a selectable amount of hysteresis to prevent the
nuisance UVLO shutdown.
Assuming a hysteresis current of 10% IKFF, and the peak detector charges to 8 V and VIN(min) = 10 V, the value of
RA is calculated by Equation 3 using a RKFF = 71.5 kΩ.
(3)
CA is chosen to maintain the peak voltage between switching cycles to keep the capacitor charge from drooping
0.1 V (from 8 V to 7.9 V).
(4)
The value of CA may calculate to less than 10 pF, but some standard value up to 47 pF works adequately. The
diode can be a small-signal switching diode or Schottky rated for more then 20 V. Figure 8 shows a typical
implementation using a small switching diode.
The tolerance on the UVLO set point also affects the maximum duty cycle achievable. If the UVLO starts the
device at 10% below the nominal startup voltage, the maximum duty cycle is reduced approximately 10% at the
nominal startup voltage.
10
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS40054 TPS40055 TPS40057
TPS40054: Not Recommended For New Designs


Similar Part No. - TPS40055PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40055PWP TI-TPS40055PWP Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055PWP TI1-TPS40055PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055PWP TI-TPS40055PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055PWPR TI1-TPS40055PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055PWPR TI-TPS40055PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40055PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com