Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40055PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40055PWPR
Description  Wide-Input Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40055PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40055PWPR Datasheet HTML 5Page - Texas Instruments TPS40055PWPR Datasheet HTML 6Page - Texas Instruments TPS40055PWPR Datasheet HTML 7Page - Texas Instruments TPS40055PWPR Datasheet HTML 8Page - Texas Instruments TPS40055PWPR Datasheet HTML 9Page - Texas Instruments TPS40055PWPR Datasheet HTML 10Page - Texas Instruments TPS40055PWPR Datasheet HTML 11Page - Texas Instruments TPS40055PWPR Datasheet HTML 12Page - Texas Instruments TPS40055PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
(
) (
)
KFF
IN(min)
KFF
T
R
V
V
58.14 R
1340
=
-
´
´
+
W
VPEAK
VVALLEY
tON1 > tON2 and D1 > D2
t2
tON2
t1
tON1
VIN
RAMP
COMP
SW
D =
tON
t
UDG-08119
TPS40054, TPS40055, TPS40057
www.ti.com
SLUS593I – DECEMBER 2003 – REVISED DECEMBER 2014
Feature Description (continued)
Figure 6. Voltage Feed-Forward Effect On Pwm Duty Cycle
The PWM ramp must be faster than the master clock frequency or the PWM is prevented from starting. The
PWM ramp time is programmed via a single resistor (RKFF) pulled up to VIN. RKFF is related to RT, and the
minimum input voltage, VIN(min) through the following:
where
VIN(min) is the ensured minimum startup voltage (the actual startup voltage is nominally about 10% lower at
25°C). VIN(min) should be programmed equal to or greater than 8.0 V to ensure start-up and shutdown through
the programmed UVLO through KFF pin.
RT is the timing resistance in kΩ
VKFF is the voltage at the KFF pin (typical value is 3.48 V)
(2)
The curve showing the RKFF required for a given switching frequency, fSW, and VUVLO is shown in Figure 2.
For low-input voltage and high duty-cycle applications, the voltage feed-forward may limit the duty cycle
prematurely. This does not occur for most applications. The voltage control loop controls the duty cycle and
regulates the output voltage. For more information on large duty cycle operation, refer to Application Note
(SLUA310), Effect of Programmable UVLO on Maximum Duty Cycle.
7.3.3 UVLO Operation
The TPS4005x uses variable (user-programmable) UVLO protection. See the Programming the Ramp Generator
section for more information on setting the UVLO voltage. The UVLO circuit holds the soft-start low until the input
voltage exceeds the user-programmable undervoltage threshold.
The TPS4005x uses the feed-forward pin, KFF, as a user-programmable low-line UVLO detection. This variable
low-line UVLO threshold compares the PWM ramp duration to the oscillator clock period. An undervoltage
condition exists if the TPS4005x receives a clock pulse before the ramp has reached 90% of its full amplitude.
The ramp duration is a function of the ramp slope, which is directly related to the current into the KFF pin. The
KFF current is a function of the input voltage and the resistance from KFF to the input voltage. The KFF resistor
can be referenced to the oscillator frequency as descibed in Equation 2.
The programmable UVLO function uses a 3-bit counter to prevent spurious shut-downs or turn-ons due to spikes
or fast line transients. When the counter reaches a total of seven counts in which the ramp duration is shorter
than the clock cycle, a powergood signal is asserted and a soft-start initiated, and the upper and lower
MOSFETS are turned off.
Once the soft-start is initiated, the UVLO circuit must see a total count of seven cycles in which the ramp
duration is longer than the clock cycle before an undervoltage condition is declared (see Figure 7).
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS40054 TPS40055 TPS40057
TPS40054: Not Recommended For New Designs


Similar Part No. - TPS40055PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40055PWPR TI1-TPS40055PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055PWPR TI-TPS40055PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40055PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com