Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A3400-12 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 1A3400-12
Description  PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A3400-12 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  1A3400-12 Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A3400-12 Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A3400-12 Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A3400-12 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.280"
(7.11mm)
.102"
(2.6mm)
.155"
(3.94mm)
.255"
(6.5mm)
.410"
(10.4mm)
.060"
(1.5mm)
.150"
(3.81mm)
.320"
(8.13mm)
.245"
(6.2mm)
.226"
(5.74mm)
.321"
(8.15mm)
.280"
(7.11mm)
.102"
(2.6mm)
.155"
(3.94mm)
.255"
(6.5mm)
.410"
(10.4mm)
.060"
(1.5mm)
.150"
(3.81mm)
.320"
(8.13mm)
.245"
(6.2mm)
.226"
(5.79mm)
.321"
(8.20mm)
PCB Fuse Clips forATC/ATM Blade, 5mm, 1/4” & 13/32” Diameter Fuses
1AXXXX Series
Catalog Clip
Number Mat.*
Finish
1A1907-02 Cart. Brass
None Bright
Dipped
1A1907-03 High Performance Cu** Bright Tin
1A1907-05 High Performance Cu** Silver
1A1907-06 Cart. Brass
Bright Tin
1A1907 Series***
With End Stops & Straight Leads
Dimensional Data
.245"
(6.2mm)
.280"
(7.1mm)
.280"
(7.1mm)
.155"
(3.94mm)
.410"
(10.4mm)
.140"
(3.6mm)
.060"
(1.5mm)
.320"
(8.13mm)
.102" Dia.
(2.6mm)
.255"
(6.5mm)
Catalog
Clip
Number
Mat.*
Finish
1A3398-07
Cart. Brass
Bright Tin
1A3398 Series***
Without End Stops & Straight Leads
Dimensional Data
.280"
(7.1mm)
.280"
(7.1mm)
.155"
(3.94mm)
.410"
(10.4mm)
.140"
(3.6mm)
.060"
(1.5mm)
.320"
(8.13mm)
.102" Dia.
(2.6mm)
.255"
(6.5mm)
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**BeCu or High Performance Cu recommended for currents higher than 15 amps.
Catalog Clip
Number Mat.*
Finish
1A4534-01 High Performance Cu** Bright Tin
1A4534-06 Cart. Brass
Bright Tin
1A4534 Series***
With End Stops &Angled Out Leads
Dimensional Data
Catalog Clip
Number Mat.*
Finish
1A4533-01 High Performance Cu** Bright Tin
1A4533-06 Cart. Brass
Bright Tin
1A4533 Series***
Without End Stops &Angled Out Leads
Dimensional Data
***For RoHS compliant version add “-R” option code suffix to part number.
For 1/4” Diameter Fuses
CL
[6.35]
0.250”
[6.91]
0.272”
[8.13]
0.320”
[2.03]
0.080”
[10.16±0.25]
0.400”±.010
0.155”±.010
[3.94±0.25]
0.290”±.010
[7.37±0.25]
0.363”±.003
[9.22±0.08]
[4.75]
0.187”
0.312”
[7.92]
Ø
0.130”±.003
[3.3mm±0.08]
Catalog Clip
Number Mat.*
Finish
1A1119-04 High Performance Cu** Bright Tin
1A1119-05 High Performance Cu** Silver
1A1119-10 Cart. Brass
Bright Tin
1A1119 Series***
With End Stops and Angled In leads
Dimensional Data
.250"
(6.35mm)
.420"
(10.7mm)
.080"
(2.03mm)
.155"
(3.9mm)
.290"
(7.4mm)
.360"
(9.14mm)
.132"
(3.4mm)
.187"
(4.8mm)
.320"
(8.13mm)
.312"
(7.9mm)
Catalog Clip
Number Mat.*
Finish
1A1120-02 Cart. Brass
Bright Dip
1A1120-05 High Performance Cu** Silver
1A1120-06 High Performance Cu** Bright Tin
1A1120-09 Cart. Brass
Bright Tin
1A1120 Series***
Without End Stops andAngled In Leads
Dimensional Data
0413 BU-SB13482
Page 1 of 4
Data Sheet 2131


Similar Part No. - 1A3400-12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A3400-12 COOPER-1A3400-12 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1A3400-12-R EATON-1A3400-12-R Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

Similar Description - 1A3400-12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
List of Unclassifed Man...
1A4533-01 ETC1-1A4533-01 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
   Fuse Panels - ATC, ATM, FMX
logo
Littelfuse
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com