Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40210
Description  4.5-V to 52-V Input Current Mode Boost Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40210 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40210 Datasheet HTML 7Page - Texas Instruments TPS40210 Datasheet HTML 8Page - Texas Instruments TPS40210 Datasheet HTML 9Page - Texas Instruments TPS40210 Datasheet HTML 10Page - Texas Instruments TPS40210 Datasheet HTML 11Page - Texas Instruments TPS40210 Datasheet HTML 12Page - Texas Instruments TPS40210 Datasheet HTML 13Page - Texas Instruments TPS40210 Datasheet HTML 14Page - Texas Instruments TPS40210 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
2
5
4
SS
COMP
FB
TPS40210/11
R
SS(chg)
UDG-07121
+
+
R
SS(dchg)
700 mV REF
OC Fault
UVLO
DIS
Error Amplifier
V
SSE(1)
V
SS
V
OUT
V
SSE
V
SS(ofst)
t
0
t
1
V
SS(ofst)+700 mV
V
IN - VD
t
2
t
3
11
TPS40210, TPS40211
www.ti.com
SLUS772F – MARCH 2008 – REVISED MARCH 2015
Product Folder Links: TPS40210 TPS40211
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Soft-Start
The soft-start feature of the TPS40210/11 is a closed-loop soft-start, meaning that the output voltage follows a
linear ramp that is proportional to the ramp generated at the SS pin. This ramp is generated by an internal
resistor connected from the BP pin to the SS pin and an external capacitor connected from the SS pin to GND.
The SS pin voltage (VSS) is level shifted down by approximately VSS(ofst) (approximately 700 mV) and sent to one
of the “+” (the “+” input with the lowest voltage dominates) inputs of the error amplifier. When this level shifted
voltage (VSSE) starts to rise at time t1 (see Figure 20), the output voltage the controller expects, rises as well.
Since VSSE starts at near 0 V, the controller attempts to regulate the output voltage from a starting point of zero
volts. It cannot do this due to the converter architecture. The output voltage starts from the input voltage less the
drop across the diode (VIN - VD) and rises from there. The point at which the output voltage starts to rise (t2) is
the point where the VSSE ramp passes the point where it is commanding more output voltage than (VIN - VD). This
voltage level is labeled VSSE(1). The time required for the output voltage to ramp from a theoretical zero to the
final regulated value (from t1 to t3) is determined by the time it takes for the capacitor connected to the SS pin
(CSS) to rise through a 700-mV range, beginning at VSS(ofst) above GND.
Figure 20. SS Pin Voltage and Output Voltage
Figure 21. SS Pin Functional Circuit


Similar Part No. - TPS40210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
More results

Similar Description - TPS40210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com