Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5001 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001
Description  Wide Input Range Non-Synchronous Voltage Mode Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL5001 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL5001 Datasheet HTML 7Page - Texas Instruments TL5001 Datasheet HTML 8Page - Texas Instruments TL5001 Datasheet HTML 9Page - Texas Instruments TL5001 Datasheet HTML 10Page - Texas Instruments TL5001 Datasheet HTML 11Page - Texas Instruments TL5001 Datasheet HTML 12Page - Texas Instruments TL5001 Datasheet HTML 13Page - Texas Instruments TL5001 Datasheet HTML 14Page - Texas Instruments TL5001 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
+
+
3
4
1
2
OSC
8
7
6
5
VDD
ISNS
Driver
GND
RC
SS
COMP
FB
TPS40200
Soft-Start
and
Overcurrent
700 mV
E/A and SS
Reference
Enable E/A
UVLO
GDRV
PWM
Logic
GDRV voltage swing
limited to (V
IN–8V)
UDG-05069
TPS40200
www.ti.com
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
7 Detailed Description
7.1 Overview
The TPS40200 is a non-synchronous controller with a built in 200-mA driver designed to drive high speed P-
channel FETs up to 500 kHz. Small size combined with complete functionality makes the part both versatile and
easy to use.
The controller uses a low-value current-sensing resistor in series with the input voltage and the power FETs
source connection to detect switching current. When the voltage drop across this resistor exceeds 100 mV, the
part enters an hiccup fault mode at about 2% of the operating frequency.
The device uses voltage feedback to an error amplifier that is biased by a precision 700-mV reference. Feed-
forward compensation from the input keeps the PWM gain constant over the full input voltage range, eliminating
the need to change frequency compensation for different input voltages.
The TPS40200 also incorporates a soft-start feature where the output follows a slowly rising soft-start voltage,
preventing output-voltage overshoot.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 MOSFET Gate Drive
The output driver sinking current is approximately 200 mA and is designed to drive P-channel power FETs. When
the driver pulls the gate charge of the FET it is controlling to 8 V, the drive current folds back to a low level so
that high-power dissipation only occurs during the turn-on period of the FET. This feature is particularly valuable
when turning on a FET at high input voltages where leaving the gate drive current on would otherwise cause
unacceptable power dissipation.
7.3.2 Undervoltage Lockout Protection
Undervoltage lockout (UVLO) protection ensures proper startup of the device only when the input voltage has
exceeded minimum operating voltage. Undervoltage protection incorporates hysteresis which eliminates hiccup
starting in cases where input supply impedance is high.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS40200


Similar Part No. - TL5001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL5001 UTC-TL5001 Datasheet
254Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL5001 UTC-TL5001 Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
E-Tech Electronics LTD
TL5001 ETL-TL5001 Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com