Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43330AQDAPRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43330AQDAPRQ1
Description  Low IQ, Single-Boost Dual Synchronous Buck Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43330AQDAPRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS43330AQDAPRQ1 Datasheet HTML 2Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 3Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 4Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 5Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 9Page - Texas Instruments TPS43330AQDAPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
TPS43330A-Q1
SLVSC16B – AUGUST 2013 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS43330A-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to AGND, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Voltage
Input voltage: VIN, VBAT
–0.3
60
V
Voltage
(buck function:
BuckA and BuckB)
Ground: PGNDA–AGND, PGNDB–AGND
–0.3
0.3
V
Enable inputs: ENA, ENB
–0.3
60
Bootstrap inputs: CBA, CBB
–0.3
68
Bootstrap inputs: CBA–PHA, CBB–PHB
–0.3
8.8
Phase inputs: PHA, PHB
–0.7
60
Phase inputs: PHA, PHB (for 150 ns)
–1
60
Feedback inputs: FBA, FBB
–0.3
13
Error-amplifier outputs: COMPA, COMPB
–0.3
13
High-side MOSFET drivers: GA1-PHA, GB1-PHB
–0.3
8.8
Low-side MOSFET drivers: GA2–PGNDA, GB2–PGNDB
–0.3
8.8
Current-sense voltage: SA1, SA2, SB1, SB2
–0.3
13
Soft start: SSA, SSB
–0.3
13
Power-good outputs: PGA, PGB
–0.3
13
Power-good delay: DLYAB
–0.3
13
Switching-frequency timing resistor: RT
–0.3
13
SYNC, EXTSUP
–0.3
13
Voltage
(boost function)
Low-side MOSFET driver: GC1–PGNDA
–0.3
8.8
V
Error-amplifier output: COMPC
–0.3
13
Enable input: ENC
–0.3
13
Current-limit sense: DS
–0.3
60
Output-voltage select: DIV
–0.3
8.8
Voltage
(PMOS driver)
P-channel MOSFET driver: GC2
–0.3
60
V
P-channel MOSFET driver: VIN-GC2
–0.3
8.8
Voltage (Gate-driver
supply)
Gate-driver supply: VREG
–0.3
8.8
V
Temperature
Junction temperature: TJ
–40
150
°C
Operating temperature: TA
–40
125
Storage temperature: Tstg
–55
165
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
All pins except 1, 19, 20,
and 38
±500
Pins 1, 19, 20, and 38
±750
Machine model
All pins except 15 and 24
±200
Pins 15 and 24
±150


Similar Part No. - TPS43330AQDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330QDAPRQ1 TI1-TPS43330QDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330QDAPRQ1 TI1-TPS43330QDAPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
More results

Similar Description - TPS43330AQDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com