Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40057 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40057
Description  Wide Input Range Non-Synchronous Voltage Mode Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40057 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40057 Datasheet HTML 4Page - Texas Instruments TPS40057 Datasheet HTML 5Page - Texas Instruments TPS40057 Datasheet HTML 6Page - Texas Instruments TPS40057 Datasheet HTML 7Page - Texas Instruments TPS40057 Datasheet HTML 8Page - Texas Instruments TPS40057 Datasheet HTML 9Page - Texas Instruments TPS40057 Datasheet HTML 10Page - Texas Instruments TPS40057 Datasheet HTML 11Page - Texas Instruments TPS40057 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
V
=12V
DD
V
=24V
DD
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
Temp-°C
-50
-25
0
25
50
75
100
125
Temp-°C
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
V
=36V
DD
V
=52V
DD
19.50
19.70
19.90
20.10
20.30
20.50
-50
-25
0
25
50
75
100
125
Temp-°C
V
=12V
DD
V
=4.5V
DD
-50
-25
0
25
50
75
100
125
Temp°C
20.25
20.30
20.35
20.40
20.45
20.50
V
=52V
DD
V
=24V
DD
5
10
15
20
25
30
35
40
45
50
55
V
(V)
DD
220
225
230
235
240
245
250
255
260
265
270
275
R=68.1k
C=470pF
T =25°C
W
J
5
10
15
20
25
30
35
40
45
50
55
19.00
19.50
20.00
20.50
21.00
T =25°C
J
V
-V
DD
TPS40200
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 7. Oscillator Frequency vs VDD
Figure 8. Power Stage Gain vs VDD
Figure 9. Power Stage Gain vs Temperature
Figure 10. Power Stage Gain vs Temperature
Figure 11. Modulator Ramp Amplitude vs Temperature
Figure 12. Modulator Ramp Amplitude vs Temperature
8
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TPS40200


Similar Part No. - TPS40057

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40057 TI-TPS40057 Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057 TI-TPS40057 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057 TI1-TPS40057 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057 TI-TPS40057 Datasheet
1Mb / 39P
[Old version datasheet]   TPS4005x Wide-Input Synchronous Buck Controller
TPS40057 TI1-TPS40057 Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
More results

Similar Description - TPS40057

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com