Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43337-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43337-Q1
Description  LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43337-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS43337-Q1 Datasheet HTML 1Page - Texas Instruments TPS43337-Q1 Datasheet HTML 2Page - Texas Instruments TPS43337-Q1 Datasheet HTML 3Page - Texas Instruments TPS43337-Q1 Datasheet HTML 4Page - Texas Instruments TPS43337-Q1 Datasheet HTML 5Page - Texas Instruments TPS43337-Q1 Datasheet HTML 6Page - Texas Instruments TPS43337-Q1 Datasheet HTML 7Page - Texas Instruments TPS43337-Q1 Datasheet HTML 8Page - Texas Instruments TPS43337-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TPS43337-Q1
SLVSBC2A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
DC ELECTRICAL CHARACTERISTICS
VIN = 8 to 18 V, TJ = –40°C to +150°C (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.0
Input Supply
Boost controller enabled, after initial start-up
1.1
VBAT
Supply voltage
2
40
V
condition is satisfied
Input voltage required for device
6.5
40
on initial start-up
1.2
VIN
V
Buck regulator operating range
4
40
after initial start-up
VIN falling. After a reset, initial start-up conditions
3.5
3.6
3.8
V
may apply.(1)
1.3
VIN UV
Buck undervoltage lockout
VIN rising. After a reset, initial start-up conditions
3.8
4
V
may apply.(1)
1.4
VBOOST_UNLOCK
Boost unlock threshold
VBAT rising
8.2
8.5
8.8
V
VIN = 13 V, BuckA: LPM, BuckB: off, TA = 25°C
34
46
µA
LPM quiescent current:
1.5
IQ_LPM
VIN = 13 V, BuckB: LPM, BuckA: off, TA = 25°C
(2)
VIN = 13 V, BuckA, B: LPM, TA = 25°C
43
57
µA
VIN = 13 V, BuckA: LPM, BuckB: off, TA = 125°C
44
56
µA
LPM quiescent current:
1.6
IQ_LPM
VIN = 13 V, BuckB: LPM, BuckA: off, TA = 125°C
(2)
VIN = 13 V, BuckA and BuckB: LPM, TA = 125°C
53
67
µA
SYNC = 5 V, TA = 25°C
VIN = 13 V, BuckA: CCM, BuckB: off, TA = 25°C
4.85
5.3
Quiescent current:
1.7
IQ_NRM
mA
normal (PWM) mode(2)
VIN = 13 V, BuckB: CCM, BuckA: off, TA = 25°C
VIN = 13 V, BuckA and BuckB: CCM, TA = 25°C
7
7.6
SYNC = 5 V, TA = 125°C
VIN = 13 V, BuckA: CCM, BuckB: off, TA = 125°C
5
5.5
Quiescent current:
1.8
IQ_NRM
mA
normal (PWM) mode(2)
VIN = 13 V, BuckB: CCM, BuckA: off, TA = 125°C
VIN = 13 V, BuckA, B: CCM, TA = 125°C
7.5
8
1.9
Ibat_sh
Shutdown current
BuckA and BuckB: off, VBat = 13 V , TA = 25°C
2.5
4
µA
1.10
Ibat_sh
Shutdown current
BuckA and BuckB: off, VBat = 13 V, TA = 125°C
3
5
µA
1.11
VINLPMexit
VIN level to exit LPM
VIN falling
7.7
8
8.3
V
1.12
VINLPMentry
VIN level to enable entering LPM
VIN rising
8.2
8.5
8.8
V
1.13
VINLPMhys
Hysteresis
VIN rising or falling
0.4
0.5
0.6
V
2.0
Input Voltage VBAT - Undervoltage Lockout
VBAT falling. After a reset, initial start-up conditions
1.8
1.9
2
V
may apply.(1)
2.1
VBATUV
Boost-input undervoltage
VBAT rising. After a reset, initial start-up conditions
2.4
2.5
2.6
V
may apply.(1)
2.2
UVLOHys
Hysteresis
500
600
700
mV
2.3
UVLOfilter
Filter time
5
µs
3.0
Input Voltage VIN - Overvoltage Lockout
VIN rising
45
46
47
3.1
VOVLO
Overvoltage shutdown
V
VIN falling
43
44
45
3.2
OVLOHys
Hysteresis
1
2
3
V
3.3
OVLOfilter
Filter time
5
µs
(1)
If VBAT and VREG remain adequate, the buck can continue to operate if VIN is > 3.8 V.
(2)
Quiescent current specification includes the current in the internal-feedback resistor divider.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS43337-Q1


Similar Part No. - TPS43337-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330AQDAPRQ1 TI1-TPS43330AQDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
More results

Similar Description - TPS43337-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com