Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40192 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40192
Description  Wide Input Range Non-Synchronous Voltage Mode Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40192 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40192 Datasheet HTML 5Page - Texas Instruments TPS40192 Datasheet HTML 6Page - Texas Instruments TPS40192 Datasheet HTML 7Page - Texas Instruments TPS40192 Datasheet HTML 8Page - Texas Instruments TPS40192 Datasheet HTML 9Page - Texas Instruments TPS40192 Datasheet HTML 10Page - Texas Instruments TPS40192 Datasheet HTML 11Page - Texas Instruments TPS40192 Datasheet HTML 12Page - Texas Instruments TPS40192 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
-50
-25
0
25
50
75
100
125
Temp-°C
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
V
=12
DD
V
7
7.2
7.4
7.6
7.8
8
8.2
8.4
5
10
15
20
25
30
35
40
45
50
55
V
-V
DD
V =25°C
J
-50
-25
0
25
50
75
100
125
Temp-°C
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
Temp-°C
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
Temp-°C
0
1
2
3
4
5
6
5
10
15
20
25
30
35
40
45
50
55
V
-V
DD
T =25°C
J
TPS40200
www.ti.com
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
Figure 13. Modulator Ramp Amplitude vs VDD
Figure 14. Feedback Amplifier Input Bias Current vs
Temperature
Figure 15. Comp Source Current vs Temperature
Figure 16. Comp Sink Current vs Temperature
Figure 18. Gate Drive Voltage vs VIN
Figure 17. Gate Drive Voltage vs Temperature
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS40200


Similar Part No. - TPS40192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI-TPS40192 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192DRCR TI-TPS40192DRCR Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCR TI-TPS40192DRCR Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results

Similar Description - TPS40192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com