Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40192 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40192
Description  Wide Input Range Non-Synchronous Voltage Mode Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40192 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40192 Datasheet HTML 6Page - Texas Instruments TPS40192 Datasheet HTML 7Page - Texas Instruments TPS40192 Datasheet HTML 8Page - Texas Instruments TPS40192 Datasheet HTML 9Page - Texas Instruments TPS40192 Datasheet HTML 10Page - Texas Instruments TPS40192 Datasheet HTML 11Page - Texas Instruments TPS40192 Datasheet HTML 12Page - Texas Instruments TPS40192 Datasheet HTML 13Page - Texas Instruments TPS40192 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
0
0
100
200
300
400
500
600
700
100
200
300
400
500
Frequency-kHz
V
=4.5V
DD
V
=12V
DD
V
=24V
DD
V
=36V
DD
V
=52V
DD
0
20
10
30
40
50
Input Voltage (V)
500
200
100
50
f
OSC (kHz)
70
60
65
85
75
80
100
90
95
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temp-°C
V
=50V
DD
V
=24
DD
V
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temp-°C
V
=4
DD
.5V
V
=12V
DD
TPS40200
SLUS659G – FEBRUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 19. Reference Voltage vs Temperature
Figure 20. Reference Voltage vs Temperature
Figure 21. Minimum Controllable Pulse Width vs Frequency
Figure 22. Maximum Duty Cycle vs Input Voltage
10
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TPS40200


Similar Part No. - TPS40192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI-TPS40192 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192DRCR TI-TPS40192DRCR Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192DRCR TI-TPS40192DRCR Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results

Similar Description - TPS40192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com