Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43332QDAPRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43332QDAPRQ1
Description  Low IQ, Single Boost, Dual Synchronous Buck Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43332QDAPRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS43332QDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 9Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 10Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 11Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 12Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 13Page - Texas Instruments TPS43332QDAPRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
TPS43330-Q1, TPS43332-Q1
SLVSA82F – MARCH 2011 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
VIN = 8 V to 18 V, TJ = –40°C to 150°C (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOW-SIDE NMOS GATE DRIVERS FOR BUCK CONTROLLER
5.13
IGX2_peak
Gate-driver peak current
1.5
A
5.14
RDS ON
Source and sink driver
VREG = 5.8 V, IGX2 current = 200 mA
2
Ω
ERROR AMPLIFIER (OTA) FOR BUCK CONVERTERS
COMPA, COMPB = 0.8 V,
5.15
GmBUCK
Transconductance
0.72
1
1.35
mS
source/sink = 5 µA, test in feedback loop
5.16
IPULLUP_FBx
Pullup current at FBx pins
FBx = 0 V
50
100
200
nA
6.0
DIGITAL INPUTS: ENA, ENB, ENC, SYNC
6.1
VIH
Higher threshold
VIN = 13 V
1.7
V
6.2
VIL
Lower threshold
VIN = 13 V
0.7
V
6.3
RIH_SYNC
Pulldown resistance on SYNC
VSYNC = 5 V
500
k
Ω
6.4
RIL_ENC
Pulldown resistance on ENC
VENC = 5 V
500
k
Ω
Pullup current source on ENA,
6.5
IIL_ENx
VENx = 0 V
0.5
2
µA
ENB
7.0
BOOST OUTPUT VOLTAGE: DIV
7.1
VIH_DIV
Higher threshold
VREG = 5.8 V
VREG – 0.2
V
7.2
VIL_DIV
Lower threshold
0.2
V
VREG /
7.3
Voz_DIV
Voltage on DIV if unconnected Voltage on DIV if unconnected
V
2
8.0
SWITCHING PARAMETER – BUCK DC-DC CONTROLLERS
8.1
fSW_Buck
Buck switching frequency
RT pin: GND
360
400
440
kHz
8.2
fSW_Buck
Buck switching frequency
RT pin: 60-k
Ω external resistor
360
400
440
kHz
Buck adjustable range with
8.3
fSW_adj
RT pin: external resistor
150
600
kHz
external resistor
8.4
fSYNC
Buck synchronization range
External clock input
150
600
kHz
8.5
fSS
Spread-spectrum spreading
TPS43332-Q1 only
5%
9.0
INTERNAL GATE-DRIVER SUPPLY
VIN = 8 V to 18 V, VEXTSUP = 0 V, SYNC =
Internal regulated supply
5.5
5.8
6.1
V
high
9.1
VREG
IVREG = 0 mA to 100 mA, VEXTSUP = 0 V,
Load regulation
0.2%
1%
SYNC = high
Internal regulated supply
VEXTSUP = 8.5 V
7.2
7.5
7.8
V
VREG(EXTSU
9.2
IEXTSUP = 0 mA to 125 mA, SYNC = High
P)
Load regulation
0.2%
1%
VEXTSUP = 8.5 V to 13 V
EXTSUP switch-over voltage
IVREG = 0 mA to 100 mA,
9.3
VEXTSUP-th
4.4
4.6
4.8
V
threshold
VEXTSUP ramping positive
EXTSUP switch-over
9.4
VEXTSUP-Hys
150
250
mV
hysteresis
VEXTSUP = 0 V, normal mode as well as
9.5
IVREG-Limit
Current limit on VREG
100
400
mA
LPM
IVREG_EXTSU Current limit on VREG when
IVREG = 0 mA to 100 mA,
9.6
125
400
mA
P-Limit
using EXTSUP
VEXTSUP = 8.5 V, SYNC = High
10.0
SOFT START
10.1
ISSx
Soft-start source current
VSSA and VSSB = 0 V
0.75
1
1.25
µA
11.0
OSCILLATOR (RT)
11.1
VRT
Oscillator reference voltage
1.2
V
12.0
POWER GOOD / DELAY
12.1
PGpullup
Pullup for A and B to Sx2
50
k
Ω
12.2
PGth1
Power-good threshold
FBx falling
–5%
–7%
–9%
10
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPS43330-Q1 TPS43332-Q1


Similar Part No. - TPS43332QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43332QDAPRQ1 TI1-TPS43332QDAPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
More results

Similar Description - TPS43332QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com