Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40211DGQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40211DGQ
Description  4.5-V to 52-V Input Current Mode Boost Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40211DGQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS40211DGQ Datasheet HTML 1Page - Texas Instruments TPS40211DGQ Datasheet HTML 2Page - Texas Instruments TPS40211DGQ Datasheet HTML 3Page - Texas Instruments TPS40211DGQ Datasheet HTML 4Page - Texas Instruments TPS40211DGQ Datasheet HTML 5Page - Texas Instruments TPS40211DGQ Datasheet HTML 6Page - Texas Instruments TPS40211DGQ Datasheet HTML 7Page - Texas Instruments TPS40211DGQ Datasheet HTML 8Page - Texas Instruments TPS40211DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
TPS40210, TPS40211
SLUS772F – MARCH 2008 – REVISED MARCH 2015
www.ti.com
Product Folder Links: TPS40210 TPS40211
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD
Input voltage
4.5
52
V
TJ
Operating Junction temperature
-40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS40210
TPS40211
UNIT
HVSSOP
VSON
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
67.2
47.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.5
74.6
RθJB
Junction-to-board thermal resistance
41.0
22.2
ψJT
Junction-to-top characterization parameter
2.4
2.9
ψJB
Junction-to-board characterization parameter
40.7
22.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
15.6
8.8
(1)
Ensured by design. Not production tested.
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VDD= 12Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
VFB
Feedback voltage range
TPS40210 COMP = FB, 4.5
≤ VDD ≤ 52 V, TJ = 25°C
693
700
707
mV
TPS40211 COMP=FB, 4.5
≤ VDD ≤ 52 V, TJ = 25°C
254
260
266
TPS40210
COMP = FB, 4.5
≤ VDD ≤ 52 V, -40°C ≤ TJ
125°C
686
700
714
TPS40211
COMP = FB, 4.5
≤ VDD ≤ 52 V, -40°C ≤ TJ
125°C
250
260
270
INPUT SUPPLY
VDD
Input voltage range
4.5
52
V
IDD
Operating current
4.5
≤ VDD ≤ 52 V, no switching, VDIS < 0.8
1.5
2.5
mA
2.5
≤ VDIS ≤ 7 V
10
20
μA
VDD < VUVLO(on), VDIS < 0.8
530
μA
UNDERVOLTAGE LOCKOUT
VUVLO(on)
Turn on threshold voltage
4.00
4.25
4.50
V
VUVLO(hyst)
UVLO hysteresis
140
195
240
mV
OSCILLATOR
fOSC
Oscillator frequency range(1)
35
1000
kHz
Oscillator frequency
RRC = 182 kΩ, CRC = 330 pF
260
300
340
Frequency line regulation
4.5
≤ VDD ≤ 52 V
-20%
7%
VSLP
Slope compensation ramp
520
620
720
mV


Similar Part No. - TPS40211DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40211DGQ TI-TPS40211DGQ Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI-TPS40211DGQ Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI-TPS40211DGQ Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQR TI-TPS40211DGQR Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQR TI-TPS40211DGQR Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
More results

Similar Description - TPS40211DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com