Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM160-MS Datasheet(PDF) 4 Page - Formosa MS

Part # FM160-MS
Description  SMD Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM160-MS Datasheet(HTML) 4 Page - Formosa MS

  FM160-MS Datasheet HTML 1Page - Formosa MS FM160-MS Datasheet HTML 2Page - Formosa MS FM160-MS Datasheet HTML 3Page - Formosa MS FM160-MS Datasheet HTML 4Page - Formosa MS FM160-MS Datasheet HTML 5Page - Formosa MS FM160-MS Datasheet HTML 6Page - Formosa MS FM160-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
FM120-MS
12
FM130-MS
13
FM140-MS
14
FM150-MS
15
FM160-MS
16
FM180-MS
18
FM1100-MS
10
FM1150-MS
115
FM1200-MS
120
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
Page 4
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
FM120-MS THRU FM1200-MS
2
1
B
0.040 (1.00)
A
0.044 (1.10)
C
0.079 (2.00)
PACKAGE
SOD-123S
SMD Schottky Barrier Rectifier
DS-121664
2011/02/21
2011/11/29
C
7


Similar Part No. - FM160-MS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM160-MS FRONTIER-FM160-MS Datasheet
632Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
More results

Similar Description - FM160-MS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
   SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
   SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
   SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
   SMD Schottky Barrier Rectifier
logo
Comchip Technology
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
   SMD Schottky Barrier Rectifier
SS22-G COMCHIP-SS22-G Datasheet
111Kb / 2P
   SMD Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com