Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFM140-MT Datasheet(PDF) 2 Page - Formosa MS

Part # LFM140-MT
Description  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LFM140-MT Datasheet(HTML) 2 Page - Formosa MS

  LFM140-MT Datasheet HTML 1Page - Formosa MS LFM140-MT Datasheet HTML 2Page - Formosa MS LFM140-MT Datasheet HTML 3Page - Formosa MS LFM140-MT Datasheet HTML 4Page - Formosa MS LFM140-MT Datasheet HTML 5Page - Formosa MS LFM140-MT Datasheet HTML 6Page - Formosa MS LFM140-MT Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, l
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
ow forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Suffix "-H" indicates Halogen free parts, ex. LFM120-MΤ-H
Page 2
1.0A Surface Mount Schottky Barrier
Rectifiers - 20V-40V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.1
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
mA
OC
pF
1.0
30
0.2
+175
-65
LFM120-MT
LFM130-MT
LFM140-MT
20
30
40
14
21
28
20
30
40
-55 to +125
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
O
160
10
V
F
(V)
*4
0.45
Formosa MS
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
LFM120-MT THRU LFM140-MT
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
SOD-123T / MINI SMA
Weight : Approximated 0.018 gram
0.067(1.7)
0.051(1.3)
0.156(3.9)
0.140(3.5)
0.075(1.9)
0.060(1.5)
Dimensions in inches and (millimeters)
SOD-123T
0.040 (1.0)
0.024 (0.6)
0.080(2.0)
0.096(2.4)
0.008(0.20)Typ.
0.012(0.3) Typ.
0.052(1.3)
0.036(0.9)
0.064(1.6)
0.048(1.2)
0.036(0.9)
0.020(0.5)
0.024(0.6)Typ.
0.0375(0.95)
0.0296(0.75)
0.044(1.10)
0.028(0.70)
DS-12164W
2013/12/17
-
A
7
Chip Schottky Barrier Rectifier


Similar Part No. - LFM140-MT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LFM140-MH1 FORMOSA-LFM140-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM140-MHT FORMOSA-LFM140-MHT Datasheet
61Kb / 7P
   Chip Schottky Barrier Rectifier
LFM140-MS FORMOSA-LFM140-MS Datasheet
60Kb / 7P
   SMD Schottky Barrier Rectifier
More results

Similar Description - LFM140-MT

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com