Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z10V Datasheet(PDF) 6 Page - Formosa MS

Part # MM5Z10V
Description  SMD Zener Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM5Z10V Datasheet(HTML) 6 Page - Formosa MS

  MM5Z10V Datasheet HTML 1Page - Formosa MS MM5Z10V Datasheet HTML 2Page - Formosa MS MM5Z10V Datasheet HTML 3Page - Formosa MS MM5Z10V Datasheet HTML 4Page - Formosa MS MM5Z10V Datasheet HTML 5Page - Formosa MS MM5Z10V Datasheet HTML 6Page - Formosa MS MM5Z10V Datasheet HTML 7Page - Formosa MS MM5Z10V Datasheet HTML 8Page - Formosa MS MM5Z10V Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD Zener Diode
Document ID
Issued Date
Revised Date
Revision
Page.
MM5Z2V4 THRU MM5Z75V
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
Month code
Type number
Marking
MM5Z Series
DEV Σ
DEV = Marking code (see page 3), Σ=Month code
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Odd
1
2
3
4
5
6
7
8
9
T
V
C
Year
Month
Even
E
F
H
J
K
L
N
P
U
X
Y
Z
Example: MM5Z10V
DEV
Σ
••
0L
••
B
0.024 (0.60)
A
0.032 (0.80)
C
0.044 (1.10)
PACKAGE
SOD-523FL
••
DS-221739
2009/08/10
2012/12/26
E
9


Similar Part No. - MM5Z10V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z10V EIC-MM5Z10V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z10V SUNMATE-MM5Z10V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
MM5Z10V WEITRON-MM5Z10V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
MM5Z10V SHUNYE-MM5Z10V Datasheet
402Kb / 3P
   200mW SOD-523 SU R F ACE MOUNT Zener Voltage Regulators
logo
Fairchild Semiconductor
MM5Z10V FAIRCHILD-MM5Z10V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z10V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com