Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL12-MH1 Datasheet(PDF) 3 Page - Formosa MS

Part # SL12-MH1
Description  Chip Low VF Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL12-MH1 Datasheet(HTML) 3 Page - Formosa MS

  SL12-MH1 Datasheet HTML 1Page - Formosa MS SL12-MH1 Datasheet HTML 2Page - Formosa MS SL12-MH1 Datasheet HTML 3Page - Formosa MS SL12-MH1 Datasheet HTML 4Page - Formosa MS SL12-MH1 Datasheet HTML 5Page - Formosa MS SL12-MH1 Datasheet HTML 6Page - Formosa MS SL12-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
0.1
1.0
.01
10
50
Rating and characteristic curves (SL12-MH1 THRU SL14-MH1)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
350
300
250
200
150
100
50
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
LEAD TEMPERATURE ( C)
°
T =25 C
J
0
0
20
40
60
80
100
120
140
160
180
200
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
1
10
100
1000
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.1
T =75 C
J
T =25 C
J
NUMBER OF CYCLES AT 60Hz
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
DS-12164M
2014/03/21
-
A
7


Similar Part No. - SL12-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL12-MH FORMOSA-SL12-MH Datasheet
66Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL12-MHT FORMOSA-SL12-MHT Datasheet
62Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
More results

Similar Description - SL12-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL12-MHT FORMOSA-SL12-MHT Datasheet
62Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL12-MT FORMOSA-SL12-MT Datasheet
61Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL22-MH1 FORMOSA-SL22-MH1 Datasheet
61Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL12-L FORMOSA-SL12-L_13 Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
SL22-MHT FORMOSA-SL22-MHT Datasheet
57Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL22-MT FORMOSA-SL22-MT Datasheet
57Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL22-L FORMOSA-SL22-L_13 Datasheet
165Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com