Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL22-MH1 Datasheet(PDF) 6 Page - Formosa MS

Part # SL22-MH1
Description  Chip Low VF Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-MH1 Datasheet(HTML) 6 Page - Formosa MS

  SL22-MH1 Datasheet HTML 1Page - Formosa MS SL22-MH1 Datasheet HTML 2Page - Formosa MS SL22-MH1 Datasheet HTML 3Page - Formosa MS SL22-MH1 Datasheet HTML 4Page - Formosa MS SL22-MH1 Datasheet HTML 5Page - Formosa MS SL22-MH1 Datasheet HTML 6Page - Formosa MS SL22-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Reel packing
Reel packing
SOD-123H1
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.5
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Document ID
Issued Date
Revised Date
Revision
Page.
1.Storage environment: Temperature=5
~40
Humidity=55% 25%
2.Reflow soldering of surface-mount devices
±
oo
CC
Suggested thermal profiles for soldering processes
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3
/sec
Preheat
-Temperature Min(Tsmin)
150
-Temperature Max(Tsmax)
200
-Time(min to max)(t )
60~120sec
Tsmax to T
-Ramp-upRate
<3
/sec
Time maintained above:
-Temperature(T )
217
-Time(t )
60~260sec
Peak Temperature(T )
255
0/ 5
Time within 5
of actual Peak
Temperature(t )
Ramp-down Rate
<6
/sec
Time 25
to Peak Temperature
<6minutes
LP
s
L
L
L
P
P
o
o
o
o
o
oo
o
o
o
C
C
C
C
C
C-
+
C
C
C
C
10~30sec
3.Reflow soldering
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
Chip
Rectifier
Low VF Schottky Barrier
DS-12165G
2014/03/21
-
A
7
SL22-MH1 THRU SL24-MH1


Similar Part No. - SL22-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL22-MH FORMOSA-SL22-MH Datasheet
78Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-MHT FORMOSA-SL22-MHT Datasheet
57Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
More results

Similar Description - SL22-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL12-MHT FORMOSA-SL12-MHT Datasheet
62Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL12-MT FORMOSA-SL12-MT Datasheet
61Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL12-MH1 FORMOSA-SL12-MH1 Datasheet
66Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL12-L FORMOSA-SL12-L_13 Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
SL22-MHT FORMOSA-SL22-MHT Datasheet
57Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL22-MT FORMOSA-SL22-MT Datasheet
57Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL22-L FORMOSA-SL22-L_13 Datasheet
165Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com