Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALF100-24S Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # ALF100-24S
Description  LED Power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF100-24S Datasheet(HTML) 5 Page - Arch Electronics Corp.

  ALF100-24S Datasheet HTML 1Page - Arch Electronics Corp. ALF100-24S Datasheet HTML 2Page - Arch Electronics Corp. ALF100-24S Datasheet HTML 3Page - Arch Electronics Corp. ALF100-24S Datasheet HTML 4Page - Arch Electronics Corp. ALF100-24S Datasheet HTML 5Page - Arch Electronics Corp. ALF100-24S Datasheet HTML 6Page - Arch Electronics Corp. ALF100-24S Datasheet HTML 7Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VER : D_2
update : 2015.09.04
LED Power
ALF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
EFFICIENCY VERSUS LOAD
ALF100-12S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
86.70
88.61
90.36
90.61
90.36
Input Voltage (V)
277
305
Efficiency
(%)
90.36
90.36
Load (%)
0
10
20
30
40
50
115V (%)
0
78.83
82.61
86.10
87.62
88.25
230V (%)
0
67.92
78.75
83.11
86.31
88.09
Load (%)
60
70
80
90
100
115V (%)
88.58
88.54
88.62
88.57
88.51
230V (%)
89.24
89.71
89.91
90.25
90.61
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277V
305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ALF100-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
88.71
90.65
92.27
92.27
92.14
Input Voltage (V)
277
305
Efficiency
(%)
92.14
92.40
Load (%)
0
10
20
30
40
50
115V (%)
0
71.91
82.20
86.04
87.80
88.81
230V (%)
0
65.13
76.60
82.51
85.92
87.91
Load (%)
60
70
80
90
100
115V (%)
89.54
90.26
90.12
90.34
90.43
230V (%)
89.28
90.61
91.47
92.20
92.31
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277V
305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - ALF100-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF100-24S ARCH-ALF100-24S Datasheet
332Kb / 5P
   LED Power
More results

Similar Description - ALF100-24S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com