Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF60C-48S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AQF60C-48S
Description  Open Frame LED Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF60C-48S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AQF60C-48S Datasheet HTML 1Page - Arch Electronics Corp. AQF60C-48S Datasheet HTML 2Page - Arch Electronics Corp. AQF60C-48S Datasheet HTML 3Page - Arch Electronics Corp. AQF60C-48S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : A_3
update : 2015.09.04
LED Power
AQF60C SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. It's recommended to add Varistor 14S561K at L / N input side in parallel.
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
PIN#
Single
1
AC IN (L)
2
AC IN (N)
3
-DC OUT
4
+DC OUT


Similar Part No. - AQF60C-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF60C-48S ARCH-AQF60C-48S Datasheet
337Kb / 5P
   LED Power
More results

Similar Description - AQF60C-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ZQF30 ARCH-ZQF30_16 Datasheet
277Kb / 3P
   Open Frame LED Power Supply
ZQF30-R ARCH-ZQF30-R_16 Datasheet
251Kb / 2P
   Open Frame LED Power Supply
ZQF30_SERIES ARCH-ZQF30_SERIES Datasheet
355Kb / 3P
   Open Frame LED Power Supply
AQF80C ARCH-AQF80C_16 Datasheet
200Kb / 4P
   Open Frame LED Power Supply
ZLF75 ARCH-ZLF75_16 Datasheet
266Kb / 2P
   Open Frame LED Power Supply
ZQF60 ARCH-ZQF60_16 Datasheet
274Kb / 3P
   Open Frame LED Power Supply
ZLF100 ARCH-ZLF100_16 Datasheet
269Kb / 2P
   Open Frame LED Power Supply
ZQF60-R ARCH-ZQF60-R_16 Datasheet
247Kb / 2P
   Open Frame LED Power Supply
ZQF60_SERIES ARCH-ZQF60_SERIES Datasheet
338Kb / 3P
   Open Frame LED Power Supply
ZLF60 ARCH-ZLF60_16 Datasheet
265Kb / 2P
   Open Frame LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com