Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF60C-48S Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # AQF60C-48S
Description  Open Frame LED Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF60C-48S Datasheet(HTML) 3 Page - Arch Electronics Corp.

  AQF60C-48S Datasheet HTML 1Page - Arch Electronics Corp. AQF60C-48S Datasheet HTML 2Page - Arch Electronics Corp. AQF60C-48S Datasheet HTML 3Page - Arch Electronics Corp. AQF60C-48S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : A_3
update : 2015.09.04
LED Power
AQF60C SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
EFFICIENCY VERSUS LOAD
AQF60C-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
87.20
89.00
89.80
89.90
90.00
Input Voltage (V)
277
305
Efficiency
(%)
90.20
90.30
Load (%)
0
10
20
30
40
50
115V (%)
0.00
86.00
87.50
88.00
86.50
86.69
230V (%)
0.00
82.13
86.20
86.50
87.80
88.00
Load (%)
60
70
80
90
100
115V (%)
87.50
87.70
88.30
89.00
89.07
230V (%)
87.68
87.74
88.78
89.80
89.93
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277
305
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
AQF60C-36S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
89.60
90.30
91.30
91.43
91.50
Input Voltage (V)
277
305
Efficiency
(%)
91.60
91.70
Load (%)
0
10
20
30
40
50
115V (%)
0.00
81.36
86.80
88.93
89.34
88.43
230V (%)
0.00
83.50
87.00
89.43
90.70
91.32
Load (%)
60
70
80
90
100
115V (%)
89.00
89.42
90.00
90.30
90.50
230V (%)
89.00
89.16
90.50
90.80
91.10
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277
305
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - AQF60C-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF60C-48S ARCH-AQF60C-48S Datasheet
337Kb / 5P
   LED Power
More results

Similar Description - AQF60C-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ZQF30 ARCH-ZQF30_16 Datasheet
277Kb / 3P
   Open Frame LED Power Supply
ZQF30-R ARCH-ZQF30-R_16 Datasheet
251Kb / 2P
   Open Frame LED Power Supply
ZQF30_SERIES ARCH-ZQF30_SERIES Datasheet
355Kb / 3P
   Open Frame LED Power Supply
AQF80C ARCH-AQF80C_16 Datasheet
200Kb / 4P
   Open Frame LED Power Supply
ZLF75 ARCH-ZLF75_16 Datasheet
266Kb / 2P
   Open Frame LED Power Supply
ZQF60 ARCH-ZQF60_16 Datasheet
274Kb / 3P
   Open Frame LED Power Supply
ZLF100 ARCH-ZLF100_16 Datasheet
269Kb / 2P
   Open Frame LED Power Supply
ZQF60-R ARCH-ZQF60-R_16 Datasheet
247Kb / 2P
   Open Frame LED Power Supply
ZQF60_SERIES ARCH-ZQF60_SERIES Datasheet
338Kb / 3P
   Open Frame LED Power Supply
ZLF60 ARCH-ZLF60_16 Datasheet
265Kb / 2P
   Open Frame LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com