Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA681P Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA681P
Description  Wideband, Current Feedback OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA681P Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA681P Datasheet HTML 3Page - Texas Instruments OPA681P Datasheet HTML 4Page - Texas Instruments OPA681P Datasheet HTML 5Page - Texas Instruments OPA681P Datasheet HTML 6Page - Texas Instruments OPA681P Datasheet HTML 7Page - Texas Instruments OPA681P Datasheet HTML 8Page - Texas Instruments OPA681P Datasheet HTML 9Page - Texas Instruments OPA681P Datasheet HTML 10Page - Texas Instruments OPA681P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
OPA681
SBOS084A
TYPICAL PERFORMANCE CURVES: VS = ±5V (Cont.)
G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted (see Figure 1).
–40
–50
–60
–70
–80
–90
2ND HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
V
O = 2Vp-p
R
L = 100Ω
G = +2, R
F = 402Ω
G = +10, R
F = 180Ω
G = +5, R
F = 261Ω
–40
–50
–60
–70
–80
–90
3RD HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
V
O = 2Vp-p
R
L = 100Ω
G = +2,
R
F = 402Ω
G = +10, R
F = 180Ω
G = +5, R
F = 261Ω
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
TWO-TONE, 3RD-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–8
–6
–4
–2
0246
8
10
dBc = dB below carriers
50MHz
20MHz
10MHz
Load Power at Matched 50
Ω Load
60
50
40
30
20
10
0
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
15
12
9
6
3
0
–3
–6
–9
–12
–15
Frequency (30MHz/div)
0
300MHz
150MHz
FREQUENCY RESPONSE vs CAPACITIVE LOAD
OPA681
RS
VIN
VO
CL
1k
402
402
1k
Ω is optional.
C
L = 22pF
C
L = 10pF
C
L = 47pF
C
L = 100pF
100
10
1
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Non-Inverting Input Current Noise
Inverting Input Current Noise
12.2pA/
√Hz
15.1pA/
√Hz
Voltage Noise
2.2nV/
√Hz


Similar Part No. - OPA681P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681P BURR-BROWN-OPA681P Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA681P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA648 BURR-BROWN-OPA648 Datasheet
166Kb / 11P
   ULTRA-WIDEBAND CURRENT FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com