Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51116PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116PWP
Description  Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51116PWP Datasheet HTML 2Page - Texas Instruments TPS51116PWP Datasheet HTML 3Page - Texas Instruments TPS51116PWP Datasheet HTML 4Page - Texas Instruments TPS51116PWP Datasheet HTML 5Page - Texas Instruments TPS51116PWP Datasheet HTML 6Page - Texas Instruments TPS51116PWP Datasheet HTML 7Page - Texas Instruments TPS51116PWP Datasheet HTML 8Page - Texas Instruments TPS51116PWP Datasheet HTML 9Page - Texas Instruments TPS51116PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TI Information — Selective Disclosure
TPS51116
SLUS609I – MAY 2004 – REVISED JANUARY 2014
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5IN = 5 V, VLDOIN is connected to VDDQ output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DUTY CONTROL
tON
Operating on-time
VIN = 12 V, VVDDQSET = 0 V
520
tON0
Startup on-time
VIN = 12 V, VVDDQSNS = 0 V
125
ns
tON(min)
Minimum on-time
TA = 25°C
(3)
100
tOFF(min)
Minimum off-time
TA = 25°C
(3)
350
ZERO CURRENT COMPARATOR
Zero current comparator
VZC
-6
0
6
mV
offset
OUTPUT DRIVERS
Source, IDRVH = –100 mA
3
6
RDRVH
DRVH resistance
Sink, IDRVH = 100 mA
0.9
3
Source, IDRVL = –100 mA
3
6
RDRVL
DRVL resistance
Sink, IDRVL = 100 mA
0.9
3
LL-low to DRVL-on(3)
10
tD
Dead time
ns
DRVL-off to DRVH-on(3)
20
INTERNAL BST DIODE
VFBST
Forward voltage
VV5IN-VBST , IF = 10 mA, TA = 25°C
0.7
0.8
0.9
V
VVBST = 34 V, VLL = 28 V, VVDDQ = 2.6 V,
IVBSTLK
VBST leakage current
0.1
1.0
μA
TA = 25°C
PROTECTIONS
VPGND-CS , PGOOD = HI, VCS < 0.5 V
50
60
70
VOCL
Current limit threshold
mV
VPGND-CS , PGOOD = LO, VCS < 0.5 V
20
30
40
TA = 25°C, VCS > 4.5 V, PGOOD = HI
9
10
11
ITRIP
Current sense sink current
μA
TA = 25°C, VCS > 4.5 V, PGOOD = LO
4
5
6
TRIP current temperature
RDS(on) sense scheme, On the basis
TCITRIP
4500
ppm/°C
coefficient
of TA = 25°C
(3)
Overcurrent protection
(VV5IN-CS - VPGND-LL), VV5IN-CS = 60 mV,
VOCL(off)
-5
0
5
COMP offset
VCS > 4.5 V
(3)
mV
Current limit threshold setting
VR(trip)
VV5IN-CS
(3) (4)
30
150
range
POWERGOOD COMPARATOR
PG in from lower
92.5%
95.0%
97.5%
VTVDDQPG
VDDQ powergood threshold
PG in from higher
102.5%
105.0%
107.5%
PG hysteresis
5%
IPG(max)
PGOOD sink current
VVTT = 0 V, VPGOOD = 0.5 V
2.5
7.5
mA
tPG(del)
PGOOD delay time
Delay for PG in
80
130
200
μs
(3)
Specified by design. Not production tested.
(4)
V5IN references to PWP packaged devices should be interpreted as V5FILT references to RGE packaged devices.
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: TPS51116


Similar Part No. - TPS51116PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116PWP TI-TPS51116PWP Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWP TI1-TPS51116PWP Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWPR TI1-TPS51116PWPR Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWPRG4 TI1-TPS51116PWPRG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
More results

Similar Description - TPS51116PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com