Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51116PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116PWPR
Description  Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS51116PWPR Datasheet HTML 1Page - Texas Instruments TPS51116PWPR Datasheet HTML 2Page - Texas Instruments TPS51116PWPR Datasheet HTML 3Page - Texas Instruments TPS51116PWPR Datasheet HTML 4Page - Texas Instruments TPS51116PWPR Datasheet HTML 5Page - Texas Instruments TPS51116PWPR Datasheet HTML 6Page - Texas Instruments TPS51116PWPR Datasheet HTML 7Page - Texas Instruments TPS51116PWPR Datasheet HTML 8Page - Texas Instruments TPS51116PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
S5
PGOOD
VREF
0.9 V
10 mA
VTT
0.9 V
2 A
TPS51116RGE
20
19
18
17
VBST
DRVH
LL
DRVL
V5FILT
VLDOIN
VTTGND
VTTSNS
7
8
VTT
CS_GND
9
10
VDDQSET
CS
VDDQSNS
16
15
14
13
PGOOD
12
11
S5
S3
GND
MODE
VTTREF
COMP
NC
NC
V5IN
PGND
22
21
24
23
1
2
3
4
5
6
C1
5V_IN
VDDQ
1.8 V
10 A
VIN
M1
M2
S3
L1
IRF7832
IRF7821
C4
C3
Ceramic
2y10 µF
Ceramic
0.033
µF
Ceramic
0.1
µF
1
µH
C6
SP−CAP
2y150 µF
C5
Ceramic
2y10 µF
C2
Ceramic
1
µF
C7
Ceramic
1
µF
R2
100 k
R1
5.1 k
R3
5.1
UDG−04153
TI Information — Selective Disclosure
TPS51116
www.ti.com
SLUS609I – MAY 2004 – REVISED JANUARY 2014
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution
Synchronous Buck Controller, 3-A LDO, Buffered Reference
Check for Samples: TPS51116
1
FEATURES
DESCRIPTION
The TPS51116 provides a complete power supply for
2
Synchronous Buck Controller (VDDQ)
DDR/SSTL-2, DDR2/SSTL-18, DDR3/SSTL-15, and
Wide-Input Voltage Range: 3.0-V to 28-V
LPDDR3
memory
systems.
It
integrates
a
D
−CAP™ Mode with 100-ns Load Step
synchronous buck controller with a 3-A sink/source
Response
tracking linear regulator and buffered low noise
reference. The TPS51116 offers the lowest total
Current Mode Option Supports Ceramic
solution cost in systems where space is at a
Output Capacitors
premium. The TPS51116 synchronous controller runs
Supports Soft-Off in S4/S5 States
fixed 400-kHz, pseudo-constant frequency PWM with
Current Sensing from RDS(on) or Resistor
an adaptive on-time control that can be configured in
D-CAP™ Mode for ease of use and fastest transient
2.5-V (DDR), 1.8-V (DDR2), Adjustable to
response or in current mode to support ceramic
1.5-V (DDR3) or 1.2-V (LPDDR3) or
output
capacitors.
The
3-A
sink/source
LDO
Output Range 0.75-V to 3.0-V
maintains fast transient response only requiring 20-
μF
Equipped with Powergood, Overvoltage
(2 × 10
μF) of ceramic output capacitance. In
Protection and Undervoltage Protection
addition, the LDO supply input is available externally
to significantly reduce the total power losses. The
3-A LDO (VTT), Buffered Reference (VREF)
TPS51116 supports all of the sleep state controls
Capable to Sink and Source 3 A
placing VTT at high-Z in S3 (suspend to RAM) and
LDO Input Available to Optimize Power
discharging VDDQ, VTT and VTTREF (soft-off) in
Losses
S4/S5 (suspend to disk). TPS51116 has all of the
protection features including thermal shutdown and is
Requires only 20-
μF Ceramic Output
offered in both a 20-pin HTSSOP PowerPAD™
Capacitor
package and 24-pin 4×4 QFN.
Buffered Low Noise 10-mA VREF Output
Accuracy ±20 mV for both VREF and VTT
APPLICATIONS
Supports High-Z in S3 and Soft-Off in S4/S5
DDR/DDR2/DDR3/LPDDR3 Memory Power
Thermal Shutdown
Supplies
SSTL-2, SSTL-18, SSTL-15 and HSTL
Termination
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51116PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116PWPR TI1-TPS51116PWPR Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116PWPRG4 TI1-TPS51116PWPRG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
More results

Similar Description - TPS51116PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS59116 TI-TPS59116 Datasheet
794Kb / 36P
[Old version datasheet]   Complete DDR, DDR2 and DDR3 Memory Power Solution Synchronous Buck Controller 3-A LDO, Buffered Reference for Embedded Computing Systems
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com