Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51622ARSMR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51622ARSMR
Description  PACKAGE OPTION ADDENDUM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51622ARSMR Datasheet(HTML) 4 Page - Texas Instruments

  TPS51622ARSMR Datasheet HTML 1Page - Texas Instruments TPS51622ARSMR Datasheet HTML 2Page - Texas Instruments TPS51622ARSMR Datasheet HTML 3Page - Texas Instruments TPS51622ARSMR Datasheet HTML 4Page - Texas Instruments TPS51622ARSMR Datasheet HTML 5Page - Texas Instruments TPS51622ARSMR Datasheet HTML 6Page - Texas Instruments TPS51622ARSMR Datasheet HTML 7Page - Texas Instruments TPS51622ARSMR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS51622ARSMR
ACTIVE
VQFN
RSM
32
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TPS
51622A
TPS51622ARSMT
ACTIVE
VQFN
RSM
32
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
TPS
51622A
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPS51622ARSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
[Old version datasheet]   PACKAGING INFORMATION
More results

Similar Description - TPS51622ARSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51623 TI1-TPS51623 Datasheet
661Kb / 6P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS51631 TI1-TPS51631 Datasheet
665Kb / 7P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS51678 TI1-TPS51678 Datasheet
612Kb / 6P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53640A TI1-TPS53640A Datasheet
829Kb / 11P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS59620 TI1-TPS59620 Datasheet
716Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65175 TI1-TPS65175 Datasheet
701Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65196 TI1-TPS65196 Datasheet
399Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53626 TI1-TPS53626 Datasheet
224Kb / 7P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53661 TI1-TPS53661 Datasheet
743Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65176 TI1-TPS65176 Datasheet
705Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65196RHDR TI1-TPS65196RHDR Datasheet
703Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com