Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51220RHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51220RHBT
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220RHBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS51220RHBT Datasheet HTML 1Page - Texas Instruments TPS51220RHBT Datasheet HTML 2Page - Texas Instruments TPS51220RHBT Datasheet HTML 3Page - Texas Instruments TPS51220RHBT Datasheet HTML 4Page - Texas Instruments TPS51220RHBT Datasheet HTML 5Page - Texas Instruments TPS51220RHBT Datasheet HTML 6Page - Texas Instruments TPS51220RHBT Datasheet HTML 7Page - Texas Instruments TPS51220RHBT Datasheet HTML 8Page - Texas Instruments TPS51220RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
2
3
4
24
23
22
21
DRVH2
VIN
VREG3
EN2
DRVH1
V5SW
RF
EN1
TPS51220RHB
(QFN32)
5
6
7
8
20
19
18
17
PGOOD2
SKIPSEL2
CSP2
CSN2
PGOOD1
SKIPSEL1
CSP1
CSN1
9
32
31
30
29
28
27
26
25
10
11
12
13
14
15
16
VO1
5.0V
L1
C22
VBAT
PowerPAD
C02
C01
VREG5
5V/100mA
R23
R13
C11
R11
PGOOD1
EN
EN1
VREG3
3.3V/10mA
Q11
Q12
Q22
Q21
C13
R12
GND
R14
GND
GND
GND
L2
R24
GND
C23
C21
R21
R22
GND
PGOOD2
EN2
VO2
3.3V
C03
R01
PGND
GND
SKIPSEL1
SKIPSEL2
VBAT
VO2
C12
VBAT
VO1
VO1
VREG5
C14
PGND
PGND
PGND
PGND
PGND
PGND
PGND
C24
GND
TPS51220
www.ti.com
SLVS785C – OCTOBER 2007 – REVISED JULY 2009
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Check for Samples: TPS51220
1
FEATURES
2
Input Voltage Range: 4.5 V to 28 V
Powergood Output for Each Channel
Output Voltage Range: 1 V to 12 V
OCL/OVP/UVP/UVLO Protections
(OVP Disable Option)
Selectable Light Load Operation
(Continuous / Auto Skip / Out-Of-Audio™ Skip)
Thermal Shutdown (Non-Latch)
Programmable Droop Compensation
Output Discharge Function (Disable Option)
Voltage Servo Adjustable Soft Start
Integrated Boot Strap MOSFET Switch
200 kHz to 1 MHz Fixed Frequency PWM
QFN-32 (RHB)
Selectable Current/ D-CAP™ Mode
APPLICATIONS
Architecture
Notebook Computer System and I/O Bus
180° Phase Shift Between Channels
Point of Load in LCD TV, MFP
Resistor or Inductor DCR Current Sensing
DESCRIPTION
The TPS51220 is a dual synchronous buck regulator controller with 2 LDOs. It is optimized for 5-V/3.3-V system
controller, enabling designers to cost effectively complete 2-cell to 4-cell notebook system power supply. The
TPS51220 supports high efficiency, fast transient response and 99% duty cycle operation. It supports supply
input voltage ranging from 4.5 V to 28 V, and output voltages from 1 V to 12 V. Two types of control schemes
can be chosen depending on the application. Peak current mode supports stability operation with lower ESR
capacitor and output accuracy. The D-CAP mode supports fast transient response. The high duty (99%)
operation and the wide input/output voltage range supports flexible design for small mobile PCs and a wide
variety of other applications. The fixed frequency can be adjusted from 200 kHz to 1 MHz by a resistor, and each
channel runs 180° out of phase. The TPS51220 can also synchronize to the external clock, and the interleaving
ratio can be adjusted by its duty. The TPS51220 is available in the 32 pin 5x5 QFN package and is specified
from –40°C to 85°C.
Figure 1. TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Out-Of-Audio, D-CAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51220RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220RHBT TI-TPS51220RHBT Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com