Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53310 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS53310
Description  3-A Step-Down Regulator with Integrated Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53310 Datasheet(HTML) 3 Page - Texas Instruments

  TPS53310_16 Datasheet HTML 1Page - Texas Instruments TPS53310_16 Datasheet HTML 2Page - Texas Instruments TPS53310_16 Datasheet HTML 3Page - Texas Instruments TPS53310_16 Datasheet HTML 4Page - Texas Instruments TPS53310_16 Datasheet HTML 5Page - Texas Instruments TPS53310_16 Datasheet HTML 6Page - Texas Instruments TPS53310_16 Datasheet HTML 7Page - Texas Instruments TPS53310_16 Datasheet HTML 8Page - Texas Instruments TPS53310_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS53310
www.ti.com
SLUSA68 – DECEMBER 2010
RECOMMENDED OPERATING CONDITIONS
VALUE
UNIT
MIN
NOM
MAX
VIN
2.9
6
VDD
2.9
3.3
3.5
VBST
–0.1
13.5
Input voltage range
V
VBST(with respect to SW)
–0.1
6
EN
–0.1
6
FB, PS
–0.1
3.5
SW
–1
6.5
PGD
–0.1
6
Output voltage range
V
COMP, SYNC
–0.1
3.5
PGND
–0.1
0.1
Junction temperature range, TJ
–40
125
°C
PACKAGE DISSIPATION RATINGS
THERMAL IMPEDANCE,
THERMAL IMPEDANCE,
THERMAL IMPEDANCE,
PACKAGE
JUNCTION TO THERMAL PAD
JUNCTION TO CASE
JUNCTION TO AMBIENT
16-Pin Plastic QFN (RGT)
5°C/W
16°C/W
40°C/W
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS53310


Similar Part No. - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com