Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53310 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS53310
Description  3-A Step-Down Regulator with Integrated Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53310 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS53310_16 Datasheet HTML 7Page - Texas Instruments TPS53310_16 Datasheet HTML 8Page - Texas Instruments TPS53310_16 Datasheet HTML 9Page - Texas Instruments TPS53310_16 Datasheet HTML 10Page - Texas Instruments TPS53310_16 Datasheet HTML 11Page - Texas Instruments TPS53310_16 Datasheet HTML 12Page - Texas Instruments TPS53310_16 Datasheet HTML 13Page - Texas Instruments TPS53310_16 Datasheet HTML 14Page - Texas Instruments TPS53310_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
12
11
2
VDD
AGND
SYNC
TPS53310
UDG-10212
1
8
EN
PS
4
3
VBST
PGD
10
FB
L1
1 mH
9
COMP
15
PGND
16
PGND
13
VIN
14
VIN
6
7
5
SW SW SW
EN
SYNC
C8
1 mF
R6
2.2 W
C6
0.1 mF
V
IN
C2 2.2 nF
R4
4.02 kW
C3
100 pF
C1
2.2 nF
R3
20 W
PGD
R5
57.6 kW
C4
0.1 mF
V
IN
Output all MLCCs
C5
22 mF
C
OUT
3 x 22 mF
R1
4.02 kW
R2
4.02 kW
R7
20 kW
TPS53310
www.ti.com
SLUSA68 – DECEMBER 2010
APPLICATION INFORMATION
Application Circuit Diagram
Figure 13. Typical 3.3-V input Application Circuit Diagram
Overview
The TPS53310 is a high-efficiency switching regulator with two integrated N-channel MOSFETs and is capable
of delivering up to 3 A of load current. The TPS53310 provides output voltage between 0.6 V and 0.84 × VIN from
2.9 V to 6.0 V wide input voltage range.
This device employs five operation modes to fit various application needs. The master/slave mode enables a
two-phase interleaved operation to reduce input ripple. The skip mode operation provides reduced power loss
and increases the efficiency at light load. The unique, patented PWM modulator enables smooth light load to
heavy load transition while maintaining fast load transient.
Operation Mode
The TPS53310 offers five operation modes determined by the PS pin connections listed in Table 1.
Table 1. Operation Mode Selection
PS PIN CONNECTION
OPERATION MODE
AUTO-SKIP AT LIGHT LOAD
MASTER/SLAVE SUPPORT
GND
FCCM Slave
Slave
24.3 k
Ω to GND
DE Slave
Slave
57.6 k
Ω to GND
HEF Mode
174 k
Ω to GND
DE Master
Master
Floating or pulled to VDD
FCCM Master
Master
In forced continuous conduction mode (FCCM), the high-side FET is ON during the on-time and the low-side FET
is ON during the off-time. The switching is synchronized to the internal clock thus the switching frequency is
fixed.
In diode emulation mode (DE), the high-side FET is ON during the on-time and low-side FET is ON during the
off-time until the inductor current reaches zero. An internal zero-crossing comparator detects the zero crossing of
inductor current from positive to negative. When the inductor current reaches zero, the comparator sends a
signal to the logic control and turns off the low-side FET.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS53310


Similar Part No. - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53310_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com