Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51220ARTVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51220ARTVT
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220ARTVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51220ARTVT Datasheet HTML 7Page - Texas Instruments TPS51220ARTVT Datasheet HTML 8Page - Texas Instruments TPS51220ARTVT Datasheet HTML 9Page - Texas Instruments TPS51220ARTVT Datasheet HTML 10Page - Texas Instruments TPS51220ARTVT Datasheet HTML 11Page - Texas Instruments TPS51220ARTVT Datasheet HTML 12Page - Texas Instruments TPS51220ARTVT Datasheet HTML 13Page - Texas Instruments TPS51220ARTVT Datasheet HTML 14Page - Texas Instruments TPS51220ARTVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
1.98
1.99
2.00
2.01
2.02
V
I = 12 V
I
VREF2 – VREF2 Output Current – mA
–100
–50
0
50
100
EN = on
EN1 = on
EN2 = off
0
0.2
0.4
0.6
0.8
1.0
0.3
0.5
0.7
0.9
0.1
5
10
15
20
25
V
I – Input Voltage – V
0
0.2
0.4
0.6
0.8
1.0
5
10
15
20
25
V
I – Input Voltage – V
0.3
0.5
0.7
0.9
0.1
EN = on
EN1 = off
EN2 = on
V
I – Input Voltage – V
EN = on
EN1 = on
EN2 = on
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1.0
0.3
0.5
0.7
0.9
0.1
TPS51220A
www.ti.com
SLUS897E – DECEMBER 2008 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
NO LOAD BATTERY CURRENT
NO LOAD BATTERY CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 5.
Figure 6.
BATTERY CURRENT
VREF2 OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :TPS51220A


Similar Part No. - TPS51220ARTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220ARTVT TI-TPS51220ARTVT Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51220ARTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com