Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51285BRUKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51285BRUKR
Description  Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51285BRUKR Datasheet(HTML) 1 Page - Texas Instruments

  TPS51285BRUKR Datasheet HTML 1Page - Texas Instruments TPS51285BRUKR Datasheet HTML 2Page - Texas Instruments TPS51285BRUKR Datasheet HTML 3Page - Texas Instruments TPS51285BRUKR Datasheet HTML 4Page - Texas Instruments TPS51285BRUKR Datasheet HTML 5Page - Texas Instruments TPS51285BRUKR Datasheet HTML 6Page - Texas Instruments TPS51285BRUKR Datasheet HTML 7Page - Texas Instruments TPS51285BRUKR Datasheet HTML 8Page - Texas Instruments TPS51285BRUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS51285A
TPS51285B
www.ti.com
SLVSBX0 – APRIL 2013
Ultra-Low Quiescent (ULQ™) Dual Synchronous Step-Down Controller with
5V and 3.3V LDOs
Check for Samples: TPS51285A, TPS51285B
1
FEATURES
APPLICATIONS
2
Input Voltage Range: 5 V to 24 V
Notebook Computers
Output Voltages: 5 V and 3.3 V (Adjustable
Tablet Computers
Range ±10%)
DESCRIPTION
Built-in, 100-mA, 5-V and 3.3-V LDOs
The TPS51285A and TPS51285B are cost-effective,
Clock Output for Charge-Pump
dual synchronous buck controllers with 5-V and 3.3-V
±1% Reference Accuracy
LDOs, targeted for notebook system-power supply
Adaptive On-Time D-CAP™ Mode Control
solutions.
The
device
achieves
low
power
consumption by the use of auto-skip and ULQ™
Architecture with 400 kHz (CH1) and 475 kHz
modes, which is beneficial for long battery life in
(CH2) Frequency
system stand-by mode. The 256-kHz VCLK output is
Auto-skip and ULQ™ modes for long battery
provided
to
drive
an
external
charge
pump,
life in system stand-by mode
generating gate drive voltage for the load switches
Internal 0.8-ms Voltage Servo Soft-Start
with minimum power consumption in the main
converter. The device employs adaptive on-time D-
Low-Side RDS(on) Current Sensing Scheme
CAP™
mode
control
which
enables
fast
load
Built-In Output Discharge Function
transient response without external compensation
Separate Enable Input for Switchers
network. The TPS51285A/B operates with supply
input voltage ranging from 5V to 24V and supports
Dedicated OC Setting Terminals
output voltages of 5 V and 3.3 V. The TPS51285A
Power Good Indicator
and TPS51285B are available in a 20-pin 3 x 3 (mm)
OVP, UVP and OCP Protection
QFN package and is specified from -40°C to 85°C.
Non-Latch UVLO and OTP Protection
20-Pin, 3 mm x 3 mm, QFN (RUK)
NEED SOME SPACE
ORDERING INFORMATION(1)
ORDERABLE
ALWAYS On-LDO
OUTPUT SUPPLY
QUANTITY
DEVICE NUMBER
TPS51285ARUKR
Tape and Reel
3000
VREG3
TPS51285ARUKT
Mini reel
250
TPS51285BRUKR
Tape and Reel
3000
VREG3 and VREG5
TPS51285BRUKT
Mini reel
250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP, ULQ are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51285BRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285BRUKR TI-TPS51285BRUKR Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
More results

Similar Description - TPS51285BRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com